Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CS5532-AS Datasheet(PDF) 32 Page - Cirrus Logic

Part # CS5532-AS
Description  16 BIT AND 24 BIT ADCS WITH ULTRA LOW NOISE PGIA
PDF  52 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

CS5532-AS Datasheet(HTML) 32 Page - Cirrus Logic

Back Button CS5532-AS Datasheet HTML 28Page - Cirrus Logic CS5532-AS Datasheet HTML 29Page - Cirrus Logic CS5532-AS Datasheet HTML 30Page - Cirrus Logic CS5532-AS Datasheet HTML 31Page - Cirrus Logic CS5532-AS Datasheet HTML 32Page - Cirrus Logic CS5532-AS Datasheet HTML 33Page - Cirrus Logic CS5532-AS Datasheet HTML 34Page - Cirrus Logic CS5532-AS Datasheet HTML 35Page - Cirrus Logic CS5532-AS Datasheet HTML 36Page - Cirrus Logic Next Button
Zoom Inzoom in Zoom Outzoom out
 32 / 52 page
background image
CS5531/32/33/34
32
DS289PP5
2.5. Calibration
Calibration is used to set the zero and gain slope of
the ADC’s transfer function. The CS5531/32/33/34
offer both self calibration and system calibration.
Note:
After the ADCs are reset, they are functional
and can perform measurements without
being calibrated (remember that the VRS bit
in the configuration register must be properly
configured). In this case, the converter will
utilize the initialized values of the on-chip
registers (Gain = 1.0, Offset = 0.0) to
calculate output words. Any initial offset and
gain errors in the internal circuitry of the chip
will remain.
2.5.1. Calibration Registers
The CS5531/32/33/34 converters have an individu-
al offset and gain register for each channel input.
The gain and offset registers, which are used during
both self and system calibration, are used to set the
zero and gain slope of the converter’s transfer func-
tion. As shown in Offset Register section, one LSB
in the offset register is 1.83007966 X 2-24 propor-
tion of the input span (bipolar span is 2 times the
unipolar span, gain register = 1.000...000 decimal).
The MSB in the offset register determines if the
offset to be trimmed is positive or negative (0 pos-
itive, 1 negative). Note that the magnitude of the
offset that is trimmed from the input is mapped
through the gain register. The converter can typi-
cally trim ±100 percent of the input span. As shown
in the Gain Register section, the gain register spans
from 0 to (64 - 2-24). The decimal equivalent mean-
ing of the gain register is
where the binary numbers have a value of either
zero or one (bD29 is the binary value of bit D29).
While gain register settings of up to 64 - 2-24 are
available, the gain register should never be set to
values above 40.
2.5.2. Gain Register
The gain register span is from 0 to (64-2-24). After Reset D24 is 1, all other bits are ‘0’.
2.5.3. Offset Register
One LSB represents 1.83007966 X 2-24 proportion of the input span (bipolar span is 2 times unipolar span).
Offset and data word bits align by MSB. After reset, all bits are ‘0’.
The offset register is stored as a 32-bit, two’s complement number, where the last 8 bits are all 0.
Db
D 29
2
5
b
D28
2
4
b
D 27
2
3
… b
D0
2
24
)
++
+
+
b
Di
2
24
i
+
()
i
0
=
29
==
MSB
D30
D29
D28
D27
D26
D25
D24
D23
D22
D21
D20
D19
D18
D17
D16
NU
NU
25
24
23
22
21
20
2-1
2-2
2-3
2-4
2-5
2-6
2-7
2-8
0
0
0
000
01
00
00
000
0
D15
D14
D13
D12
D11
D10
D9
D8
D7
D6
D5
D4
D3
D2
D1
LSB
2-9
2-10
2-11
2-12
2-13
2-14
2-15
2-16
2-17
2-18
2-19
2-20
2-21
222
2-23
2-24
0
0
0
000
00
00
00
000
0
MSB
D30
D29
D28
D27
D26
D25
D24
D23
D22
D21
D20
D19
D18
D17
D16
Sign
2-2
2-3
2-4
2-5
2-6
2-7
2-8
2-9
2-10
2-11
2-12
2-13
2-14
2-15
2-16
0
0
0
000
00
00
00
000
0
D15
D14
D13
D12
D11
D10
D9
D8
D7
D6
D5
D4
D3
D2
D1
LSB
2-17
2-18
2-19
2-20
2-21
2-22
2-23
2-24
NU
NU
NU
NU
NU
NU
NU
NU
0
0
0
000
00
00
00
000
0



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com