Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

P3602ACMC Datasheet(PDF) 56 Page - Teccor Electronics

Part # P3602ACMC
Description  solid state crowbar devices
PDF  212 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TECCOR [Teccor Electronics]
Direct Link  http://www.littelfuse.com/
Logo TECCOR - Teccor Electronics

P3602ACMC Datasheet(HTML) 56 Page - Teccor Electronics

Back Button P3602ACMC Datasheet HTML 52Page - Teccor Electronics P3602ACMC Datasheet HTML 53Page - Teccor Electronics P3602ACMC Datasheet HTML 54Page - Teccor Electronics P3602ACMC Datasheet HTML 55Page - Teccor Electronics P3602ACMC Datasheet HTML 56Page - Teccor Electronics P3602ACMC Datasheet HTML 57Page - Teccor Electronics P3602ACMC Datasheet HTML 58Page - Teccor Electronics P3602ACMC Datasheet HTML 59Page - Teccor Electronics P3602ACMC Datasheet HTML 60Page - Teccor Electronics Next Button
Zoom Inzoom in Zoom Outzoom out
 56 / 212 page
background image
LCAS Asymmetrical Discrete Device
http://www.teccor.com
2 - 38
© 2002 Teccor Electronics
+1 972-580-7777
SIDACtor® Data Book and Design Guide
LCAS Asymmetrical Discrete Device
These DO-214AA SIDACtor devices are intended for LCAS (Line Circuit Access Switch)
applications that require asymmetrical protection in discrete (individual) packages. They
enable the protected equipment to meet various regulatory requirements including
GR 1089, ITU K.20, K.21, K.45, IEG 60950, UL 60950, and TIA-968.
* For individual “SA”, “SB”, and “SC” surge ratings, see table below.
General Notes:
• All measurements are made at an ambient temperature of 25 °C. IPP applies to -40 °C through +85 °C temperature range.
• IPP is a repetitive surge rating and is guaranteed for the life of the product.
• Listed SIDACtor devices are bi-directional. All electrical parameters and surge ratings apply to forward and reverse polarities.
• VDRM is measured at IDRM.
• VS is measured at 100 V/µs.
• Special voltage (VS and VDRM) and holding current (IH) requirements are available upon request.
• Off-state capacitance is measured between Pins 1-2 and 3-2 at 1 MHz with a 2 V bias and is a typical value for “SA” and “SB”
product. “SC” capacitance is approximately 10 pF higher.
Electrical Parameters
Part
Number *
VDRM
Volts
VS
Volts
VT
Volts
IDRM
µAmps
IS
mAmps
IT
Amps
IH
mAmps
CO
pF
P1200S_
100
130
4
5
800
2.2
120
40
P2000S_
180
220
4
5
800
2.2
120
30
P2500S_
230
290
4
5
800
2.2
120
30
Surge Ratings
Series
IPP
2x10 µs
Amps
IPP
8x20 µs
Amps
IPP
10x160 µs
Amps
IPP
10x560 µs
Amps
IPP
10x1000 µs
Amps
ITSM
60 Hz
Amps
di/dt
Amps/µs
A
150
150
90
50
45
20
500
B
250
250
150
100
80
30
500
C
500
400
200
150
100
50
500



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com