Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

P3602ACMC Datasheet(PDF) 68 Page - Teccor Electronics

Part # P3602ACMC
Description  solid state crowbar devices
PDF  212 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TECCOR [Teccor Electronics]
Direct Link  http://www.littelfuse.com/
Logo TECCOR - Teccor Electronics

P3602ACMC Datasheet(HTML) 68 Page - Teccor Electronics

Back Button P3602ACMC Datasheet HTML 64Page - Teccor Electronics P3602ACMC Datasheet HTML 65Page - Teccor Electronics P3602ACMC Datasheet HTML 66Page - Teccor Electronics P3602ACMC Datasheet HTML 67Page - Teccor Electronics P3602ACMC Datasheet HTML 68Page - Teccor Electronics P3602ACMC Datasheet HTML 69Page - Teccor Electronics P3602ACMC Datasheet HTML 70Page - Teccor Electronics P3602ACMC Datasheet HTML 71Page - Teccor Electronics P3602ACMC Datasheet HTML 72Page - Teccor Electronics Next Button
Zoom Inzoom in Zoom Outzoom out
 68 / 212 page
background image
Multiport SLIC Protector
http://www.teccor.com
2 - 50
© 2002 Teccor Electronics
+1 972-580-7777
SIDACtor® Data Book and Design Guide
Multiport SLIC Protector
This multiport line protector is designed as a single-package solution for protecting
multiple twisted pair from overvoltage conditions. Based on a six-pin SOIC package, it
is equivalent to four discrete DO-214AA packages. Available in surge current ratings
up to 500 A for a 2x10 µs event, the multiport line protector is ideal for densely
populated line cards that cannot afford PCB inefficiencies or the use of series power
resistors.
For specific design criteria, see details in Figure 3.24.
* For individual “UA” and “UC” surge ratings, see table below.
General Notes:
• All measurements are made at an ambient temperature of 25 °C. IPP applies to -40 °C through +85 °C temperature range.
• IPP is a repetitive surge rating and is guaranteed for the life of the product.
• VDRM is measured at IDRM.
• VS and VF are measured at 100 V/µs.
• Special voltage (VS and VDRM) and holding current (IH) requirements are available upon request.
• Off-state capacitance is measured across pins 1-2, 2-3, 4-5, or 5-6 at 1 MHz with a 2 V bias and is a typical value. Capacitance
across pins 1-3 or 4-6 is approximately half. “UC” capacitance is approximately 2x the listed value for “UA” product.
• Parallel capacitive loads may affect electrical parameters.
Electrical Parameters
Part
Number *
VDRM
Volts
VS
Volts
VDRM
Volts
VS
Volts
VT
Volts
VF
Volts
IDRM
µAmps
IS
mAmps
IT
Amps
IH
mAmps
CO
pF
Pins
1-2, 2-3,
4-5, 5-6
Pins
1-3, 4-6
P0641U_
58
77
58
77
4
5
5
800
1
120
70
P0721U_
65
88
65
88
4
5
5
800
1
120
70
P0901U_
75
98
75
98
4
5
5
800
1
120
70
P1101U_
95
130
95
130
4
5
5
800
1
120
70
Surge Ratings
Series
IPP
2x10 µs
Amps
IPP
8x20 µs
Amps
IPP
10x160 µs
Amps
IPP
10x560 µs
Amps
IPP
10x1000 µs
Amps
ITSM
60 Hz
Amps
di/dt
Amps/µs
A
150
150
90
50
45
20
500
C
500
400
200
120
100
50
500
1
4
6
3
2
5
(T1)
(R1)
(G1)
(T2)
(R2)
(G2)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com