Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

P3602ACMC Datasheet(PDF) 6 Page - Teccor Electronics

Part # P3602ACMC
Description  solid state crowbar devices
PDF  212 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TECCOR [Teccor Electronics]
Direct Link  http://www.littelfuse.com/
Logo TECCOR - Teccor Electronics

P3602ACMC Datasheet(HTML) 6 Page - Teccor Electronics

Back Button P3602ACMC Datasheet HTML 2Page - Teccor Electronics P3602ACMC Datasheet HTML 3Page - Teccor Electronics P3602ACMC Datasheet HTML 4Page - Teccor Electronics P3602ACMC Datasheet HTML 5Page - Teccor Electronics P3602ACMC Datasheet HTML 6Page - Teccor Electronics P3602ACMC Datasheet HTML 7Page - Teccor Electronics P3602ACMC Datasheet HTML 8Page - Teccor Electronics P3602ACMC Datasheet HTML 9Page - Teccor Electronics P3602ACMC Datasheet HTML 10Page - Teccor Electronics Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 212 page
background image
Product Description
http://www.teccor.com
1 - 2
© 2002 Teccor Electronics
+1 972-580-7777
SIDACtor® Data Book and Design Guide
Product Description
SIDACtor components are solid state crowbar devices designed to protect telecom
equipment during hazardous transient conditions. Capitalizing on the latest in thyristor
advancements, Teccor makes SIDACtor devices with a patented ion implant technology.
This technology ensures effective protection within nanoseconds, up to 5000 A surge
current ratings, and simple solutions for regulatory requirements such as GR 1089,
TIA-968 (formerly known as FCC Part 68), ITU-T K.20, ITU-T K.21, and UL 60950.
Operation
In the standby mode, SIDACtor devices exhibit a high off-state impedance, eliminating
excessive leakage currents and appearing transparent to the circuits they protect. Upon
application of a voltage exceeding the switching voltage (VS), SIDACtor devices crowbar
and simulate a short circuit condition until the current flowing through the device is either
interrupted or drops below the SIDACtor device’s holding current (IH). Once this occurs,
SIDACtor devices reset and return to their high off-state impedance.
V-I Characteristics
Advantages
Compared to surge suppression using other technologies, SIDACtor devices offer absolute
surge protection regardless of the surge current available and the rate of applied voltage
(dv/dt). SIDACtor devices:
• Cannot be damaged by voltage
• Eliminate hysteresis and heat dissipation typically found with clamping devices
• Eliminate voltage overshoot caused by fast-rising transients
• Are non-degenerative
• Will not fatigue
• Have low capacitance, making them ideal for high-speed transmission equipment
IH
IT
IS
IDRM
VDRM
VT
+V
-V
+I
-I
VS



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com