Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

P3602ACMC Datasheet(PDF) 50 Page - Teccor Electronics

Part # P3602ACMC
Description  solid state crowbar devices
PDF  212 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TECCOR [Teccor Electronics]
Direct Link  http://www.littelfuse.com/
Logo TECCOR - Teccor Electronics

P3602ACMC Datasheet(HTML) 50 Page - Teccor Electronics

Back Button P3602ACMC Datasheet HTML 46Page - Teccor Electronics P3602ACMC Datasheet HTML 47Page - Teccor Electronics P3602ACMC Datasheet HTML 48Page - Teccor Electronics P3602ACMC Datasheet HTML 49Page - Teccor Electronics P3602ACMC Datasheet HTML 50Page - Teccor Electronics P3602ACMC Datasheet HTML 51Page - Teccor Electronics P3602ACMC Datasheet HTML 52Page - Teccor Electronics P3602ACMC Datasheet HTML 53Page - Teccor Electronics P3602ACMC Datasheet HTML 54Page - Teccor Electronics Next Button
Zoom Inzoom in Zoom Outzoom out
 50 / 212 page
background image
Balanced Three-chip SIDACtor Device
http://www.teccor.com
2 - 32
© 2002 Teccor Electronics
+1 972-580-7777
SIDACtor® Data Book and Design Guide
Balanced Three-chip SIDACtor Device
The three-chip modified TO-220 SIDACtor balanced solid state device is designed for
telecommunication protection systems that reference Tip and Ring to earth ground.
Applications include any piece of transmission equipment that requires balanced protection.
This device is built using Teccor’s patented “Y” (US Patent 4,905,119) configuration.
The SIDACtor device is used to enable equipment to meet various regulatory requirements
including GR 1089, ITU K.20,K.21 and K.45, IEC 60950, UL 60950, and TIA-968 (formerly
known as FCC Part 68).
* For individual “AA”, “AB”, and “AC” surge ratings, see table below.
** Asymmetrical
General Notes:
• All measurements are made at an ambient temperature of 25 °C. IPP applies to -40 °C through +85 °C temperature range.
• IPP is a repetitive surge rating and is guaranteed for the life of the product.
• Listed SIDACtor devices are bi-directional. All electrical parameters and surge ratings apply to forward and reverse polarities.
• VDRM is measured at IDRM.
• VS is measured at 100 V/µs.
• Special voltage (VS and VDRM) and holding current (IH) requirements are available upon request.
• Off-state capacitance is measured between Pins 1-2 and 3-2 at 1 MHz with a 2 V bias and is a typical value for “AA” product. “AB”
and “AC” capacitance is approximately 2x the listed value.
• Device is designed to meet balance requirements of GTS 8700 and GR 974.
Electrical Parameters
Part
Number *
VDRM
Volts
VS
Volts
VDRM
Volts
VS
Volts
VT
Volts
IDRM
µAmps
IS
mAmps
IT
Amps
IH
mAmps
CO
pF
Pins 1-2, 2-3
Pins 1-3
P1553A_
130
180
130
180
8
5
800
2.2
150
40
P1803A_
150
210
150
210
8
5
800
2.2
150
40
P2103A_
170
250
170
250
8
5
800
2.2
150
40
P2353A_
200
270
200
270
8
5
800
2.2
150
40
P2703A_
230
300
230
300
8
5
800
2.2
150
30
P3203A_
270
350
270
350
8
5
800
2.2
150
30
P3403A_
300
400
300
400
8
5
800
2.2
150
30
P5103A_
420
600
420
600
8
5
800
2.2
150
30
A2106A_3 **
170
250
50
80
8
5
800
2.2
120
40
A5030A_3 **
400
550
270
350
8
5
800
2.2
150
30
Surge Ratings
Series
IPP
2x10 µs
Amps
IPP
8x20 µs
Amps
IPP
10x160 µs
Amps
IPP
10x560 µs
Amps
IPP
10x1000 µs
Amps
ITSM
60 Hz
Amps
di/dt
Amps/µs
A
150
150
90
50
45
20
500
B
250
250
150
100
80
30
500
C
500
400
200
150
100
50
500
1
2
3



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com