Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

P3602ACMC Datasheet(PDF) 82 Page - Teccor Electronics

Part # P3602ACMC
Description  solid state crowbar devices
PDF  212 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TECCOR [Teccor Electronics]
Direct Link  http://www.littelfuse.com/
Logo TECCOR - Teccor Electronics

P3602ACMC Datasheet(HTML) 82 Page - Teccor Electronics

Back Button P3602ACMC Datasheet HTML 78Page - Teccor Electronics P3602ACMC Datasheet HTML 79Page - Teccor Electronics P3602ACMC Datasheet HTML 80Page - Teccor Electronics P3602ACMC Datasheet HTML 81Page - Teccor Electronics P3602ACMC Datasheet HTML 82Page - Teccor Electronics P3602ACMC Datasheet HTML 83Page - Teccor Electronics P3602ACMC Datasheet HTML 84Page - Teccor Electronics P3602ACMC Datasheet HTML 85Page - Teccor Electronics P3602ACMC Datasheet HTML 86Page - Teccor Electronics Next Button
Zoom Inzoom in Zoom Outzoom out
 82 / 212 page
background image
CATV Line Amplifiers/Power Inserters SIDACtor Device
http://www.teccor.com
2 - 64
© 2002 Teccor Electronics
+1 972-580-7777
SIDACtor® Data Book and Design Guide
CATV Line Amplifiers/Power Inserters
SIDACtor Device
This SIDACtor device is a 5000 A solid state protection device offered in a non-isolated
TO-218 package. It protects equipment located in the severe surge environment of CATV
(Community Antenna TV) applications.
In CATV line amplifiers and power inserters, this device can replace the gas tubes
traditionally used for station protection because SIDACtor devices have much tighter
voltage tolerances.
* For surge ratings, see table below.
** IT is a free air rating; heat sink IT rating is 25 A.
General Notes:
• All measurements are made at an ambient temperature of 25 °C. IPP applies to -40 °C through +85 °C temperature range.
• IPP is a repetitive surge rating and is guaranteed for the life of the product.
• Listed SIDACtor devices are bi-directional. All electrical parameters and surge ratings apply to forward and reverse polarities.
• VDRM is measured at IDRM.
• VS is measured at 100 V/µs.
• Special voltage (VS and VDRM) and holding current (IH) requirements are available upon request.
• Off-state capacitance is measured at 1 MHz with a 2 V bias and is a typical value.
Electrical Parameters
Part
Number *
VDRM
Volts
VS
Volts
VT
Volts
IDRM
µAmps
IS
mAmps
IT
Amps **
IH
mAmps
CO
pF
P1900ME
140
220
4
5
800
2.2/25
50
750
P2300ME
180
260
4
5
800
2.2/25
50
750
Surge Ratings
Series
IPP
8x20 µs
Amps
ITSM
60 Hz
Amps
di/dt
Amps/µs
E
5000
400
500
12



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com