Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

P3602ACMC Datasheet(PDF) 24 Page - Teccor Electronics

Part # P3602ACMC
Description  solid state crowbar devices
PDF  212 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TECCOR [Teccor Electronics]
Direct Link  http://www.littelfuse.com/
Logo TECCOR - Teccor Electronics

P3602ACMC Datasheet(HTML) 24 Page - Teccor Electronics

Back Button P3602ACMC Datasheet HTML 20Page - Teccor Electronics P3602ACMC Datasheet HTML 21Page - Teccor Electronics P3602ACMC Datasheet HTML 22Page - Teccor Electronics P3602ACMC Datasheet HTML 23Page - Teccor Electronics P3602ACMC Datasheet HTML 24Page - Teccor Electronics P3602ACMC Datasheet HTML 25Page - Teccor Electronics P3602ACMC Datasheet HTML 26Page - Teccor Electronics P3602ACMC Datasheet HTML 27Page - Teccor Electronics P3602ACMC Datasheet HTML 28Page - Teccor Electronics Next Button
Zoom Inzoom in Zoom Outzoom out
 24 / 212 page
background image
MicroCapacitance (MC) SC SIDACtor Device
http://www.teccor.com
2 - 6
© 2002 Teccor Electronics
+1 972-580-7777
SIDACtor® Data Book and Design Guide
MicroCapacitance (MC) SC SIDACtor Device
The DO-214AA SC MC SIDACtor series is intended for applications sensitive to load
values. Typically, high speed connections require a lower capacitance. CO values for the
MicroCapacitance device are 40% lower than a standard SC part.
This MC SIDACtor series is used to enable equipment to meet various regulatory
requirements including GR 1089, IEC 60950, UL 60950, and TIA-968 (formerly known as
FCC Part 68). Contact factory regarding ITU K.20, K.21, and K.45.
* For surge ratings, see table below.
** Contact factory for release date.
General Notes:
• All measurements are made at an ambient temperature of 25 °C. IPP applies to -40 °C through +85 °C temperature range.
• IPP is a repetitive surge rating and is guaranteed for the life of the product.
• Listed SIDACtor devices are bi-directional. All electrical parameters and surge ratings apply to forward and reverse polarities.
• VDRM is measured at IDRM.
• VS is measured at 100 V/µs.
• Special voltage (VS and VDRM) and holding current (IH) requirements are available upon request.
• Off-state capacitance is measured at 1 MHz with a 2 V bias.
Electrical Parameters
Part
Number *
VDRM
Volts
VS
Volts
VT
Volts
IDRM
µAmps
IS
mAmps
IT
Amps
IH
mAmps
CO
pF
P0080SC MC **
6
25
4
5
800
2.2
50
55
P0300SC MC **
25
40
4
5
800
2.2
50
35
P0640SC MC
58
77
4
5
800
2.2
150
60
P0720SC MC
65
88
4
5
800
2.2
150
60
P0900SC MC
75
98
4
5
800
2.2
150
60
P1100SC MC
90
130
4
5
800
2.2
150
50
P1300SC MC
120
160
4
5
800
2.2
150
50
P1500SC MC
140
180
4
5
800
2.2
150
50
P1800SC MC
170
220
4
5
800
2.2
150
40
P2300SC MC
190
260
4
5
800
2.2
150
40
P2600SC MC
220
300
4
5
800
2.2
150
40
P3100SC MC
275
350
4
5
800
2.2
150
40
P3500SC MC
320
400
4
5
800
2.2
150
40
Surge Ratings
Series
IPP
2x10 µs
Amps
IPP
8x20 µs
Amps
IPP
10x160 µs
Amps
IPP
10x560 µs
Amps
IPP
10x1000 µs
Amps
ITSM
60 Hz
Amps
di/dt
Amps/µs
C
500
400
200
150
100
30
500



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com