Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

P3602ACMC Datasheet(PDF) 46 Page - Teccor Electronics

Part # P3602ACMC
Description  solid state crowbar devices
PDF  212 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TECCOR [Teccor Electronics]
Direct Link  http://www.littelfuse.com/
Logo TECCOR - Teccor Electronics

P3602ACMC Datasheet(HTML) 46 Page - Teccor Electronics

Back Button P3602ACMC Datasheet HTML 42Page - Teccor Electronics P3602ACMC Datasheet HTML 43Page - Teccor Electronics P3602ACMC Datasheet HTML 44Page - Teccor Electronics P3602ACMC Datasheet HTML 45Page - Teccor Electronics P3602ACMC Datasheet HTML 46Page - Teccor Electronics P3602ACMC Datasheet HTML 47Page - Teccor Electronics P3602ACMC Datasheet HTML 48Page - Teccor Electronics P3602ACMC Datasheet HTML 49Page - Teccor Electronics P3602ACMC Datasheet HTML 50Page - Teccor Electronics Next Button
Zoom Inzoom in Zoom Outzoom out
 46 / 212 page
background image
Two-chip SIDACtor Device
http://www.teccor.com
2 - 28
© 2002 Teccor Electronics
+1 972-580-7777
SIDACtor® Data Book and Design Guide
Two-chip SIDACtor Device
The two-chip modified TO-220 SIDACtor solid state device protects telecommunication
equipment in applications that reference Tip and Ring to earth ground but do not require
balanced protection.
SIDACtor devices are used to enable equipment to meet various regulatory requirements
including GR 1089, ITU K.20, K.21 and K.45, IEC 60950, UL 60950, and TIA-968 (formerly
known as FCC Part 68).
* For individual “AA”, “AB”, and “AC” surge ratings, see table below.
General Notes:
• All measurements are made at an ambient temperature of 25 °C. IPP applies to -40 °C through +85 °C temperature range.
• IPP is a repetitive surge rating and is guaranteed for the life of the product.
• Listed SIDACtor devices are bi-directional. All electrical parameters and surge ratings apply to forward and reverse polarities.
• VDRM is measured at IDRM.
• VS is measured at 100 V/µs.
• Special voltage (VS and VDRM) and holding current (IH) requirements are available upon request.
• Off-state capacitance is measured between Pins 1-2 and 3-2 at 1 MHz with a 2 V bias and is a typical value for “AA” and “AB”
product. “AC” capacitance is approximately 2x the listed value.
Electrical Parameters
Part
Number *
VDRM
Volts
VS
Volts
VDRM
Volts
VS
Volts
VT
Volts
IDRM
µAmps
IS
mAmps
IT
Amps
IH
mAmps
CO
pF
Pins 1-2, 3-2
Pins 1-3
P0602A_
25
40
50
80
4
5
800
2.2
50
110
P1402A_
58
77
116
154
4
5
800
2.2
150
50
P1602A_
65
95
130
190
4
5
800
2.2
150
50
P2202A_
90
130
180
260
4
5
800
2.2
150
40
P2702A_
120
160
240
320
4
5
800
2.2
150
40
P3002A_
140
180
280
360
4
5
800
2.2
150
40
P3602A_
170
220
340
440
4
5
800
2.2
150
40
P4202A_
190
250
380
500
4
5
800
2.2
150
30
P4802A_
220
300
440
600
4
5
800
2.2
150
30
P6002A_
275
350
550
700
4
5
800
2.2
150
30
Surge Ratings
Series
IPP
2x10 µs
Amps
IPP
8x20 µs
Amps
IPP
10x160 µs
Amps
IPP
10x560 µs
Amps
IPP
10x1000 µs
Amps
ITSM
60 Hz
Amps
di/dt
Amps/µs
A
150
150
90
50
45
20
500
B
250
250
150
100
80
30
500
C
500
400
200
150
100
50
500
1
2
3
(T)
(R)
(G)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com