Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

P3602ACMC Datasheet(PDF) 85 Page - Teccor Electronics

Part # P3602ACMC
Description  solid state crowbar devices
PDF  212 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TECCOR [Teccor Electronics]
Direct Link  http://www.littelfuse.com/
Logo TECCOR - Teccor Electronics

P3602ACMC Datasheet(HTML) 85 Page - Teccor Electronics

Back Button P3602ACMC Datasheet HTML 81Page - Teccor Electronics P3602ACMC Datasheet HTML 82Page - Teccor Electronics P3602ACMC Datasheet HTML 83Page - Teccor Electronics P3602ACMC Datasheet HTML 84Page - Teccor Electronics P3602ACMC Datasheet HTML 85Page - Teccor Electronics P3602ACMC Datasheet HTML 86Page - Teccor Electronics P3602ACMC Datasheet HTML 87Page - Teccor Electronics P3602ACMC Datasheet HTML 88Page - Teccor Electronics P3602ACMC Datasheet HTML 89Page - Teccor Electronics Next Button
Zoom Inzoom in Zoom Outzoom out
 85 / 212 page
background image
TeleLink Fuse
© 2002 Teccor Electronics
2 - 67
http://www.teccor.com
SIDACtor® Data Book and Design Guide
+1 972-580-7777
Qualification Data
The F1250T and F1251T meet the following test conditions per GR 1089 without additional series resistance.
However, in-circuit test verification is required. Note that considerable heating may occur during Test 4 of the
Second Level AC Power Fault Test.
* Test 5 simulates a high impedance induction fault. For specific information, please contact Teccor Electronics.
Notes:
• Power fault tests equal or exceed the requirements of UL 60950 3rd edition.
• Test 4 is intended to produce a maximum heating effect. Temperature readings can exceed 150 °C.
• Test 2 may be dependent on the closing angle of the voltage source. Fuse is characterized at 50° to 70°. Closing angles
approximating 90° may result in damage to the body of the fuse.
• Use caution when routing internal traces adjacent to the F1250T and F1251T.
First Level Lightning Surge Test
Test
Surge Voltage
Volts
Wave-form
µs
Surge Current
Amps
Repetitions Each
Polarity
1
±600
10x1000
100
25
2
±1000
10x360
100
25
3
±1000
10x1000
100
25
4
±2500
2x10
500
10
5
±1000
10x360
25
5
Second Level Lightning Surge Test
Test
Surge Voltage
Volts
Wave-form
µs
Surge Current
Amps
Repetitions Each
Polarity
1
±5000
2x10
500
1
First Level AC Power Fault Test
Test
Applied Voltage, 60 Hz
VRMS
Short Circuit Current
Amps
Duration
150
0.33
15 min
2
100
0.17
15 min
3
200, 400, 600
1 at 600 V
60 applications, 1 s each
4
1000
1
60 applications, 1 s each
5
*
*
60 applications, 5 s each
6
600
0.5
30 s each
7
600
2.2
2 s each
8
600
3
1 s each
9
1000
5
0.5 s each
Second Level AC Power Fault Test for Non-Customer Premises Equipment
Test
Applied Voltage, 60 Hz
VRMS
Short Circuit Current
Amps
Duration
1
120, 277
30
30 min
2
600
60
5 s
3600
7
5 s
4
100-600
2.2 at 600 V
30 min



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com