Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

P3602ACMC Datasheet(PDF) 40 Page - Teccor Electronics

Part # P3602ACMC
Description  solid state crowbar devices
PDF  212 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TECCOR [Teccor Electronics]
Direct Link  http://www.littelfuse.com/
Logo TECCOR - Teccor Electronics

P3602ACMC Datasheet(HTML) 40 Page - Teccor Electronics

Back Button P3602ACMC Datasheet HTML 36Page - Teccor Electronics P3602ACMC Datasheet HTML 37Page - Teccor Electronics P3602ACMC Datasheet HTML 38Page - Teccor Electronics P3602ACMC Datasheet HTML 39Page - Teccor Electronics P3602ACMC Datasheet HTML 40Page - Teccor Electronics P3602ACMC Datasheet HTML 41Page - Teccor Electronics P3602ACMC Datasheet HTML 42Page - Teccor Electronics P3602ACMC Datasheet HTML 43Page - Teccor Electronics P3602ACMC Datasheet HTML 44Page - Teccor Electronics Next Button
Zoom Inzoom in Zoom Outzoom out
 40 / 212 page
background image
Multiport SIDACtor Device
http://www.teccor.com
2 - 22
© 2002 Teccor Electronics
+1 972-580-7777
SIDACtor® Data Book and Design Guide
Multiport SIDACtor Device
The multiport line protector is an integrated multichip solution for protecting multiple
twisted pair from overvoltage conditions. Based on a six-pin surface mount SOIC
package, it is equivalent to four discrete DO-214AA or two TO-220 packages. Available
in surge current ratings up to 500 A, the multiport line protector is ideal for densely
populated, high-speed line cards that cannot afford PCB inefficiencies or the use of
series power resistors.
SIDACtor devices are used to enable equipment to meet various regulatory
requirements including GR 1089, ITU K.20, K.21, and K.45, IEC 60950, UL 60950, and
TIA-968 (formerly known as FCC Part 68).
* For individual “UA”, “UB”, and “UC” surge ratings, see table below.
General Notes:
• All measurements are made at an ambient temperature of 25 °C. IPP applies to -40 °C through +85 °C temperature range.
• IPP is a repetitive surge rating and is guaranteed for the life of the product.
• Listed SIDACtor devices are bi-directional. All electrical parameters and surge ratings apply to forward and reverse polarities.
• VDRM is measured at IDRM, and VS is measured at 100 V/µs.
• Off-state capacitance is measured between Pins 1-2 and 3-2 at 1 MHz with a 2 V bias and is a typical value for “UA” product. “UB”
and “UC” capacitance is approximately 2x higher.
Electrical Parameters
Part
Number *
VDRM
Volts
VS
Volts
VDRM
Volts
VS
Volts
VT
Volts
IDRM
µAmps
IS
mAmps
IT
Amps
IH
mAmps
CO
pF
Pins 1-2, 3-2, 4-5, 6-5
Pins 1-3, 4-6
P0084U_
6
25
12
50
4
5
800
2.2
50
100
P0304U_
25
40
50
80
4
5
800
2.2
50
110
P0644U_
58
77
116
154
4
5
800
2.2
150
50
P0724U_
65
88
130
176
4
5
800
2.2
150
50
P0904U_
75
98
150
196
4
5
800
2.2
150
50
P1104U_
90
130
180
260
4
5
800
2.2
150
40
P1304U_
120
160
240
320
4
5
800
2.2
150
40
P1504U_
140
180
280
360
4
5
800
2.2
150
40
P1804U_
170
220
340
440
4
5
800
2.2
150
30
P2304U_
190
260
380
520
4
5
800
2.2
150
30
P2604U_
220
300
440
600
4
5
800
2.2
150
30
P3104U_
275
350
550
700
4
5
800
2.2
150
30
P3504U_
320
400
640
800
4
5
800
2.2
150
30
Surge Ratings
Series
IPP
2x10 µs
Amps
IPP
8x20 µs
Amps
IPP
10x160 µs
Amps
IPP
10x560 µs
Amps
IPP
10x1000 µs
Amps
ITSM
60 Hz
Amps
di/dt
Amps/µs
A
150
150
90
50
45
20
500
B
250
250
150
100
80
30
500
C
500
400
200
150
100
50
500
1
(R1)
2
(G1)
3
(T1)
6
(T2)
4
(R2)
5
(G2)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com