Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

P3602ACMC Datasheet(PDF) 83 Page - Teccor Electronics

Part # P3602ACMC
Description  solid state crowbar devices
PDF  212 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TECCOR [Teccor Electronics]
Direct Link  http://www.littelfuse.com/
Logo TECCOR - Teccor Electronics

P3602ACMC Datasheet(HTML) 83 Page - Teccor Electronics

Back Button P3602ACMC Datasheet HTML 79Page - Teccor Electronics P3602ACMC Datasheet HTML 80Page - Teccor Electronics P3602ACMC Datasheet HTML 81Page - Teccor Electronics P3602ACMC Datasheet HTML 82Page - Teccor Electronics P3602ACMC Datasheet HTML 83Page - Teccor Electronics P3602ACMC Datasheet HTML 84Page - Teccor Electronics P3602ACMC Datasheet HTML 85Page - Teccor Electronics P3602ACMC Datasheet HTML 86Page - Teccor Electronics P3602ACMC Datasheet HTML 87Page - Teccor Electronics Next Button
Zoom Inzoom in Zoom Outzoom out
 83 / 212 page
background image
CATV Line Amplifiers/Power Inserters SIDACtor Device
© 2002 Teccor Electronics
2 - 65
http://www.teccor.com
SIDACtor® Data Book and Design Guide
+1 972-580-7777
* RqJC rating assumes the use of a heat sink and on state mode for extended time at 25 A, with average power dissipation of 29.125 W.
Thermal Considerations
Package
Symbol
Parameter
Value
Unit
TO-218
TJ
Operating Junction Temperature Range
-40 to +150
°C
TS
Storage Temperature Range
-65 to +150
°C
TC
Maximum Case Temperature
100
°C
RqJC *
Thermal Resistance: Junction to Case
1.7
°C/W
RqJA
Thermal Resistance: Junction to Ambient
56
°C/W
1
2
3
2
(No
Connection)
IH
IT
IS
IDRM
VDRM
VT
+V
-V
+I
-I
VS
IH
IT
IS
IDRM
VDRM
VT
+V
-V
+I
-I
VS
V-I Characteristics
50
100
0
tr
td
0
Peak
Value
Half Value
t – Time (µs)
tr = rise time to peak value
td = decay time to half value
Waveform = tr x td
tr x td Pulse Wave-form
-8
-40 -20
0
20 40 60 80 100 120 140 160
-6
-4
0
2
4
6
8
10
12
14
Junction Temperature (T
J) – ˚C
25 ˚C
Normalized VS Change versus Junction Temperature
0.4
-40 -20
0
20 40 60 80 100 120 140 160
0.6
0.8
1.0
1.2
1.4
1.6
1.8
2.0
Case Temperature (T
C) – ˚C
25 ˚C
Normalized DC Holding Current versus Case Temperature



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com