Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

P3602ACMC Datasheet(PDF) 34 Page - Teccor Electronics

Part # P3602ACMC
Description  solid state crowbar devices
PDF  212 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TECCOR [Teccor Electronics]
Direct Link  http://www.littelfuse.com/
Logo TECCOR - Teccor Electronics

P3602ACMC Datasheet(HTML) 34 Page - Teccor Electronics

Back Button P3602ACMC Datasheet HTML 30Page - Teccor Electronics P3602ACMC Datasheet HTML 31Page - Teccor Electronics P3602ACMC Datasheet HTML 32Page - Teccor Electronics P3602ACMC Datasheet HTML 33Page - Teccor Electronics P3602ACMC Datasheet HTML 34Page - Teccor Electronics P3602ACMC Datasheet HTML 35Page - Teccor Electronics P3602ACMC Datasheet HTML 36Page - Teccor Electronics P3602ACMC Datasheet HTML 37Page - Teccor Electronics P3602ACMC Datasheet HTML 38Page - Teccor Electronics Next Button
Zoom Inzoom in Zoom Outzoom out
 34 / 212 page
background image
SIDACtor Device
http://www.teccor.com
2 - 16
© 2002 Teccor Electronics
+1 972-580-7777
SIDACtor® Data Book and Design Guide
SIDACtor Device
TO-92 SIDACtor solid state protection devices protect telecommunications equipment such
as modems, line cards, fax machines, and other CPE.
SIDACtor devices are used to enable equipment to meet various regulatory requirements
including GR 1089, ITU K.20, K.21, and K.45, IEC 60950, UL 60950, and TIA-968 (formerly
known as FCC Part 68)
.
* For individual “EA”, “EB”, and “EC” surge ratings, see table below.
General Notes:
• All measurements are made at an ambient temperature of 25 °C. IPP applies to -40 °C through +85 °C temperature range.
• IPP is a repetitive surge rating and is guaranteed for the life of the product.
• Listed SIDACtor devices are bi-directional. All electrical parameters and surge ratings apply to forward and reverse polarities.
• VDRM is measured at IDRM.
• VS is measured at 100 V/µs.
• Special voltage (VS and VDRM) and holding current (IH) requirements are available upon request.
• Off-state capacitance is measured at 1 MHz with a 2 V bias and is a typical value for “EA” and “EB” product. “EC” capacitance is
approximately 2x the listed value. The off-state capacitance of the P0080EB is equal to the “EC” device.
Electrical Parameters
Part
Number *
VDRM
Volts
VS
Volts
VT
Volts
IDRM
µAmps
IS
mAmps
IT
Amps
IH
mAmps
CO
pF
P0080E_
6
25
4
5
800
2.2
50
100
P0300E_
25
40
4
5
800
2.2
50
110
P0640E_
58
77
4
5
800
2.2
150
50
P0720E_
65
88
4
5
800
2.2
150
50
P0900E_
75
98
4
5
800
2.2
150
50
P1100E_
90
130
4
5
800
2.2
150
40
P1300E_
120
160
4
5
800
2.2
150
40
P1500E_
140
180
4
5
800
2.2
150
40
P1800E_
170
220
4
5
800
2.2
150
30
P2300E_
190
260
4
5
800
2.2
150
30
P2600E_
220
300
4
5
800
2.2
150
30
P3100E_
275
350
4
5
800
2.2
150
30
P3500E_
320
400
4
5
800
2.2
150
30
Surge Ratings
Series
IPP
2x10 µs
Amps
IPP
8x20 µs
Amps
IPP
10x160 µs
Amps
IPP
10x560 µs
Amps
IPP
10x1000 µs
Amps
ITSM
60 Hz
Amps
di/dt
Amps/µs
A
150
150
90
50
45
20
500
B
250
250
150
100
80
30
500
C
500
400
200
150
100
50
500



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com