Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

P3602ACMC Datasheet(PDF) 115 Page - Teccor Electronics

Part # P3602ACMC
Description  solid state crowbar devices
PDF  212 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TECCOR [Teccor Electronics]
Direct Link  http://www.littelfuse.com/
Logo TECCOR - Teccor Electronics

P3602ACMC Datasheet(HTML) 115 Page - Teccor Electronics

Back Button P3602ACMC Datasheet HTML 111Page - Teccor Electronics P3602ACMC Datasheet HTML 112Page - Teccor Electronics P3602ACMC Datasheet HTML 113Page - Teccor Electronics P3602ACMC Datasheet HTML 114Page - Teccor Electronics P3602ACMC Datasheet HTML 115Page - Teccor Electronics P3602ACMC Datasheet HTML 116Page - Teccor Electronics P3602ACMC Datasheet HTML 117Page - Teccor Electronics P3602ACMC Datasheet HTML 118Page - Teccor Electronics P3602ACMC Datasheet HTML 119Page - Teccor Electronics Next Button
Zoom Inzoom in Zoom Outzoom out
 115 / 212 page
background image
CATV Equipment
© 2002 Teccor Electronics
3 - 27
http://www.teccor.com
SIDACtor® Data Book and Design Guide
+1 972-580-7777
Figure 3.33 CATV Amplifier Protection (incorporated into a power inserter module)
Figure 3.34 CATV Amplifier Protection
Station Protection Reference Circuit
Figure 3.35 shows a P1400AD SIDACtor device used in a CATV station protection
application. Note that a compensation inductor may be required to meet insertion and
reflection loss requirements for CATV networks. If so, the inductor should be designed to
saturate quickly and withstand surges up to 200 V and 1000 A. An inductor with a core
permeability of approximately 900 Wb/A·m and wound with 24-gauge wire to an inductance
Power
Port
P1900ME
90 VAC RF
To Line
Amplifiers
90 VAC RF
P1800EC
K
A
G
K
A
G
To Line
Amplifiers



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com