Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

P3602ACMC Datasheet(PDF) 169 Page - Teccor Electronics

Part # P3602ACMC
Description  solid state crowbar devices
PDF  212 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TECCOR [Teccor Electronics]
Direct Link  http://www.littelfuse.com/
Logo TECCOR - Teccor Electronics

P3602ACMC Datasheet(HTML) 169 Page - Teccor Electronics

Back Button P3602ACMC Datasheet HTML 165Page - Teccor Electronics P3602ACMC Datasheet HTML 166Page - Teccor Electronics P3602ACMC Datasheet HTML 167Page - Teccor Electronics P3602ACMC Datasheet HTML 168Page - Teccor Electronics P3602ACMC Datasheet HTML 169Page - Teccor Electronics P3602ACMC Datasheet HTML 170Page - Teccor Electronics P3602ACMC Datasheet HTML 171Page - Teccor Electronics P3602ACMC Datasheet HTML 172Page - Teccor Electronics P3602ACMC Datasheet HTML 173Page - Teccor Electronics Next Button
Zoom Inzoom in Zoom Outzoom out
 169 / 212 page
background image
SIDACtor Device Selection Criteria
© 2002 Teccor Electronics
5 - 7
http://www.teccor.com
SIDACtor® Data Book and Design Guide
+1 972-580-7777
Off-State Capacitance (CO)
Assuming that the critical point of insertion loss is 70% of the original signal value, the
SIDACtor device can be used in most applications with transmission speeds up to 30 MHz.
For transmission speeds greater than 30 MHz, the new MC series is highly recommended.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com