Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

P3602ACMC Datasheet(PDF) 194 Page - Teccor Electronics

Part # P3602ACMC
Description  solid state crowbar devices
PDF  212 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TECCOR [Teccor Electronics]
Direct Link  http://www.littelfuse.com/
Logo TECCOR - Teccor Electronics

P3602ACMC Datasheet(HTML) 194 Page - Teccor Electronics

Back Button P3602ACMC Datasheet HTML 190Page - Teccor Electronics P3602ACMC Datasheet HTML 191Page - Teccor Electronics P3602ACMC Datasheet HTML 192Page - Teccor Electronics P3602ACMC Datasheet HTML 193Page - Teccor Electronics P3602ACMC Datasheet HTML 194Page - Teccor Electronics P3602ACMC Datasheet HTML 195Page - Teccor Electronics P3602ACMC Datasheet HTML 196Page - Teccor Electronics P3602ACMC Datasheet HTML 197Page - Teccor Electronics P3602ACMC Datasheet HTML 198Page - Teccor Electronics Next Button
Zoom Inzoom in Zoom Outzoom out
 194 / 212 page
background image
Package Dimensions
http://www.teccor.com
6 - 4
© 2002 Teccor Electronics
+1 972-580-7777
SIDACtor® Data Book and Design Guide
Modified DO-214AA
The Modified DO-214AA package is a three-leaded surface mount (SM) package.
Note: A stripe is marked on some parts, to indicate the cathode. IPC-SM-782 recommends 2.4 instead of 2.0.
Notes:
• Dimensions and tolerancing per ASME Y14.5M-1994
• Mold flash shall not exceed 0.13 mm per side.
• Dimensions B and C apply to plated leads.
• All leads are insulated from case. Case is electrically non-conductive. (Rated at 1600 V ac rms for one
minute from leads to case over the operating temperature range)
Dimension
Inches
Millimeters
MIN
MAX
MIN
MAX
A
0.140
0.155
3.56
3.94
B
0.205
0.220
5.21
5.59
C
0.077
0.083
1.96
2.11
D
0.166
0.180
4.22
4.57
E
0.036
0.056
0.91
1.42
F
0.073
0.083
1.85
2.11
G
0.004
0.008
0.10
0.20
H
0.077
0.086
1.95
2.18
J
0.043
0.053
1.09
1.35
K
0.008
0.012
0.20
0.30
L
0.039
0.049
0.99
1.24
M
0.022
0.028
0.56
0.71
N
0.027
0.033
0.69
0.84
P
0.052
0.058
1.32
1.47
.079
(2.0)
.040
(1.0)
.030
(.76)
.079
(2.0)
.079
(2.0)
.110
(2.8)
PAD OUTLINE
(MM)
H
K
J
E
F
L
G
A C
B
M
D
TEMPERATURE
MEASUREMENT
POINT
N
P
PIN 3
PIN 1
PIN 2



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com