Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

P3602ACMC Datasheet(PDF) 202 Page - Teccor Electronics

Part # P3602ACMC
Description  solid state crowbar devices
PDF  212 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TECCOR [Teccor Electronics]
Direct Link  http://www.littelfuse.com/
Logo TECCOR - Teccor Electronics

P3602ACMC Datasheet(HTML) 202 Page - Teccor Electronics

Back Button P3602ACMC Datasheet HTML 198Page - Teccor Electronics P3602ACMC Datasheet HTML 199Page - Teccor Electronics P3602ACMC Datasheet HTML 200Page - Teccor Electronics P3602ACMC Datasheet HTML 201Page - Teccor Electronics P3602ACMC Datasheet HTML 202Page - Teccor Electronics P3602ACMC Datasheet HTML 203Page - Teccor Electronics P3602ACMC Datasheet HTML 204Page - Teccor Electronics P3602ACMC Datasheet HTML 205Page - Teccor Electronics P3602ACMC Datasheet HTML 206Page - Teccor Electronics Next Button
Zoom Inzoom in Zoom Outzoom out
 202 / 212 page
background image
Summary of Packing Options
http://www.teccor.com
6 - 12
© 2002 Teccor Electronics
+1 972-580-7777
SIDACtor® Data Book and Design Guide
Summary of Packing Options
Package Type
Description
Packing
Quantity
Added
Suffix
Industry
Standard
DO-214AA
SA, SB, SC, SD, including MC
Embossed Carrier Reel Pack
2500
RP
EIA-481-1
Bulk Pack
1000
BP
N/A
TO-92
EA, EB, EC, including MC
Note: Standard lead spacing for TO-92
reel pack is 0.200”.
Bulk Pack
2000
N/A
Tape and Reel Pack
2000
RP1, RP2
EIA-468-B
Ammo Pack
2000
AP
EIA-468-B
Modified MS-013
Tape and Reel Pack
1500
RP
EIA-481-1
Bulk Pack
500
BP
Tube Pack
50 per tube,
50 tubes per container
TP
EIA-481-1
TO-220
AA, AB, AC, AD
Bulk Pack
500
N/A
Tape and Reel Pack
700
RP
EIA-468-B
Tape and Reel Pack for
Type 61 lead form
700
RP
EIA-468-B
Tube Pack
50 per tube,
10 tubes per container
TP
EIA-468-B
TO-218
ME
Bulk Pack
250
N/A
3-lead
Type 61



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com