Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

P3602ACMC Datasheet(PDF) 209 Page - Teccor Electronics

Part # P3602ACMC
Description  solid state crowbar devices
PDF  212 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TECCOR [Teccor Electronics]
Direct Link  http://www.littelfuse.com/
Logo TECCOR - Teccor Electronics

P3602ACMC Datasheet(HTML) 209 Page - Teccor Electronics

Back Button P3602ACMC Datasheet HTML 204Page - Teccor Electronics P3602ACMC Datasheet HTML 205Page - Teccor Electronics P3602ACMC Datasheet HTML 206Page - Teccor Electronics P3602ACMC Datasheet HTML 207Page - Teccor Electronics P3602ACMC Datasheet HTML 208Page - Teccor Electronics P3602ACMC Datasheet HTML 209Page - Teccor Electronics P3602ACMC Datasheet HTML 210Page - Teccor Electronics P3602ACMC Datasheet HTML 211Page - Teccor Electronics P3602ACMC Datasheet HTML 212Page - Teccor Electronics  
Zoom Inzoom in Zoom Outzoom out
 209 / 212 page
background image
Packing Options
© 2002 Teccor Electronics
6 - 19
http://www.teccor.com
SIDACtor® Data Book and Design Guide
+1 972-580-7777
The following illustration shows the TeleLink 13-inch (330 mm), injection-molded, high-
impact, anti-static, white, plastic reel. Material conforms to EIA-481-1. Surface resistivity is
1011
W/square. Materials comply with ASTM D-257.
Access hole
greater than
40.00 at slot
1.575 location
.512±.008
(13.00±.20)
Arbor hole
2.362±.039
(60.00±1.00)
Hub dia.
2.00
.079
(Drive Spokes)
min.
.795
(20.20)
min.
Tape slot depth
greater than .394 (10.00)
12.992
(330.00)
Max dia.
1.19
(30.40)
Measured
at hub
1.00±.069
(25.65±1.75)
Measured at
outer edge
.197±.020
(5.00±.51)
Tape starter slot
.960
(24.40)
Measured
at hub
+.079
-.00
+2.00
-.00
Dimensions are in inches
(and millimeters)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com