Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HT68F005 Datasheet(PDF) 48 Page - Holtek Semiconductor Inc

Part # HT68F005
Description  Enhanced I/O Flash Type MCU
PDF  93 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HOLTEK [Holtek Semiconductor Inc]
Direct Link  http://www.holtek.com
Logo HOLTEK - Holtek Semiconductor Inc

HT68F005 Datasheet(HTML) 48 Page - Holtek Semiconductor Inc

Back Button HT68F005 Datasheet HTML 44Page - Holtek Semiconductor Inc HT68F005 Datasheet HTML 45Page - Holtek Semiconductor Inc HT68F005 Datasheet HTML 46Page - Holtek Semiconductor Inc HT68F005 Datasheet HTML 47Page - Holtek Semiconductor Inc HT68F005 Datasheet HTML 48Page - Holtek Semiconductor Inc HT68F005 Datasheet HTML 49Page - Holtek Semiconductor Inc HT68F005 Datasheet HTML 50Page - Holtek Semiconductor Inc HT68F005 Datasheet HTML 51Page - Holtek Semiconductor Inc HT68F005 Datasheet HTML 52Page - Holtek Semiconductor Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 48 / 93 page
background image
Rev. 1.00
48
��to�e� ��� �01�
Rev. 1.00
49
��to�e� ��� �01�
HT68F005/HT68F006
Enhanced I/O Flash Type MCU
HT68F005/HT68F006
Enhanced I/O Flash Type MCU
Register
Reset (Power On)
WDT Time-out/WDTC
Software Reset
(Normal Operation)
WDT Time-out (HALT)*
IAR0
0000 0000
0000 0000
uuuu uuuu
MP0
xxxx xxxx
uuuu uuuu
uuuu uuuu
IAR1
0000 0000
0000 0000
uuuu uuuu
MP1
xxxx xxxx
uuuu uuuu
uuuu uuuu
BP
---- ---0
---- ---0
---- ---u
ACC
xxxx xxxx
uuuu uuuu
uuuu uuuu
PCL
0000 0000
0000 0000
0000 0000
TBLP
xxxx xxxx
uuuu uuuu
uuuu uuuu
TBLH
xxxx xxxx
uuuu uuuu
uuuu uuuu
TBHP
- - -- - -x x
- - - - - - uu
- - - - - - uu
STATUS
--00 xxxx
--1u uuuu
--1 1 uuuu
SM�D
0 00 0 0 011
0 00 0 0 011
uuuu uuuu
INTEG
- - - - - - 00
- - - - - - 00
- - - - - - uu
INTC0
-000 0000
-000 0000
-uuu uuuu
INTC1
0000 0000
0000 0000
uuuu uuuu
MFI0
--00 --00
--00 --00
--uu --uu
MFI1
--00 --00
--00 --00
--uu --uu
PA
1111 1111
1111 1111
uuuu uuuu
PAC
1111 1111
1111 1111
uuuu uuuu
PAPU
0000 0000
0000 0000
uuuu uuuu
PAWU
0000 0000
0000 0000
uuuu uuuu
PRM
0000 0000
0000 0000
uuuu uuuu
LVRC
0101 0101
0101 0101
uuuu uuuu
WDTC
0 10 1 0 011
0 10 1 0 011
uuuu uuuu
TBC
001 1 -1 1 1
001 1 -1 1 1
uuuu -uuu
CTRL
0--- -x00
0--- -yyy
u--- -uuu
EEA
---0 0000
---0 0000
---u uuuu
EED
0000 0000
0000 0000
uuuu uuuu
TMPC
---- 0101
---- 0101
---- uuuu
TM0C0
0000 0000
0000 0000
uuuu uuuu
TM0C1
0000 0000
0000 0000
uuuu uuuu
TM0DL
0000 0000
0000 0000
uuuu uuuu
TM0DH
- - - - - - 00
- - - - - - 00
- - - - - - uu
TM0AL
0000 0000
0000 0000
uuuu uuuu
TM0AH
- - - - - - 00
- - - - - - 00
- - - - - - uu
TM1C0
0000 0000
0000 0000
uuuu uuuu
TM1C1
0000 0000
0000 0000
uuuu uuuu
TM1DL
0000 0000
0000 0000
uuuu uuuu
TM1DH
- - - - - - 00
- - - - - - 00
- - - - - - uu
TM1AL
0000 0000
0000 0000
uuuu uuuu
TM1AH
- - - - - - 00
- - - - - - 00
- - - - - - uu
EEC
---- 0000
---- 0000
---- uuuu
Note:“-”standsfornotimplement
“u”standsforunchanged
“x”standsforunknown
“y”standsfor“byregisterbitfunction”



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com