Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HT68F005 Datasheet(PDF) 25 Page - Holtek Semiconductor Inc

Part # HT68F005
Description  Enhanced I/O Flash Type MCU
PDF  93 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HOLTEK [Holtek Semiconductor Inc]
Direct Link  http://www.holtek.com
Logo HOLTEK - Holtek Semiconductor Inc

HT68F005 Datasheet(HTML) 25 Page - Holtek Semiconductor Inc

Back Button HT68F005 Datasheet HTML 21Page - Holtek Semiconductor Inc HT68F005 Datasheet HTML 22Page - Holtek Semiconductor Inc HT68F005 Datasheet HTML 23Page - Holtek Semiconductor Inc HT68F005 Datasheet HTML 24Page - Holtek Semiconductor Inc HT68F005 Datasheet HTML 25Page - Holtek Semiconductor Inc HT68F005 Datasheet HTML 26Page - Holtek Semiconductor Inc HT68F005 Datasheet HTML 27Page - Holtek Semiconductor Inc HT68F005 Datasheet HTML 28Page - Holtek Semiconductor Inc HT68F005 Datasheet HTML 29Page - Holtek Semiconductor Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 25 / 93 page
background image
Rev. 1.00
�4
��to�e� ��� �01�
Rev. 1.00
�5
��to�e� ��� �01�
HT68F005/HT68F006
Enhanced I/O Flash Type MCU
HT68F005/HT68F006
Enhanced I/O Flash Type MCU
EEPROM Data Memory
ThesedevicescontainanareaofinternalEEPROMDataMemory.EEPROM,whichstandsfor
ElectricallyErasableProgrammableReadOnlyMemory,isbyitsnatureanon-volatileform
ofre-programmablememory,withdataretentionevenwhenitspowersupplyisremoved.By
incorporatingthiskindofdatamemory,awholenewhostofapplicationpossibilitiesaremade
availabletothedesigner.TheavailabilityofEEPROMstorageallowsinformationsuchasproduct
identificationnumbers,calibrationvalues,specificuserdata,systemsetupdataorotherproduct
informationtobestoreddirectlywithintheproductmicrocontroller.Theprocessofreadingand
writingdatatotheEEPROMmemoryhasbeenreducedtoaverytrivialaffair.
EEPROM Data Memory Structure
TheEEPROMDataMemorycapacityis32×8bitsforthisseriesofdevices.UnliketheProgram
MemoryandRAMDataMemory,theEEPROMDataMemoryisnotdirectlymappedintomemory
spaceandisthereforenotdirectlyaddressableinthesamewayastheothertypesofmemory.Read
andWriteoperationstotheEEPROMarecarriedoutinsinglebyteoperationsusinganaddressand
dataregisterinBank0andasinglecontrolregisterinBank1.
Device
Capacity
Address
All devi�es
3�×8
00H~1FH
EEPROM Registers
ThreeregisterscontroltheoveralloperationoftheinternalEEPROMDataMemory.Thesearethe
addressregister,EEA,thedataregister,EEDandasinglecontrolregister,EEC.AsboththeEEA
andEEDregistersarelocatedinBank0,theycanbedirectlyaccessedinthesamewasasanyother
SpecialFunctionRegister.TheEECregisterhowever,beinglocatedinBank1,cannotbeaddressed
directlyandcanonlybereadfromorwrittentoindirectlyusingtheMP1MemoryPointerand
IndirectAddressingRegister,IAR1.BecausetheEECcontrolregisterislocatedataddress40Hin
Bank1,theMP1MemoryPointermustfirstbesettothevalue40HandtheBankPointerregister,
BP,settothevalue,01H,beforeanyoperationsontheEECregisterareexecuted.
EEPROM Register List
Name
Bit
7
6
5
4
3
2
1
0
EEA
—
—
—
D4
D3
D�
D1
D0
EED
D7
D6
D5
D4
D3
D�
D1
D0
EEC
—
—
—
—
WREN
WR
RDEN
RD
EEA Register
Bit
7
6
5
4
3
2
1
0
Name
—
—
—
D4
D3
D�
D1
D0
R/W
—
—
—
R/W
R/W
R/W
R/W
R/W
P�R
—
—
—
x
x
x
x
x
“x” unknown
Bit7~5
Unimplemented,readas“0”
Bit4~0
DataEEPROMaddress
DataEEPROMaddressbit4~bit0



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com