Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HT68F005 Datasheet(PDF) 82 Page - Holtek Semiconductor Inc

Part # HT68F005
Description  Enhanced I/O Flash Type MCU
PDF  93 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HOLTEK [Holtek Semiconductor Inc]
Direct Link  http://www.holtek.com
Logo HOLTEK - Holtek Semiconductor Inc

HT68F005 Datasheet(HTML) 82 Page - Holtek Semiconductor Inc

Back Button HT68F005 Datasheet HTML 78Page - Holtek Semiconductor Inc HT68F005 Datasheet HTML 79Page - Holtek Semiconductor Inc HT68F005 Datasheet HTML 80Page - Holtek Semiconductor Inc HT68F005 Datasheet HTML 81Page - Holtek Semiconductor Inc HT68F005 Datasheet HTML 82Page - Holtek Semiconductor Inc HT68F005 Datasheet HTML 83Page - Holtek Semiconductor Inc HT68F005 Datasheet HTML 84Page - Holtek Semiconductor Inc HT68F005 Datasheet HTML 85Page - Holtek Semiconductor Inc HT68F005 Datasheet HTML 86Page - Holtek Semiconductor Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 82 / 93 page
background image
Rev. 1.00
8�
��to�e� ��� �01�
Rev. 1.00
83
��to�e� ��� �01�
HT68F005/HT68F006
Enhanced I/O Flash Type MCU
HT68F005/HT68F006
Enhanced I/O Flash Type MCU
Mnemonic
Description
Cycles
Flag Affected
Data Move
M�V A�[m]
Move Data Memo�y to ACC
1
None
M�V [m]�A
Move ACC to Data Memo�y
1Note
None
M�V A�x
Move immediate data to ACC
1
None
Bit Operation
CLR [m].i
Clea� �it of Data Memo�y
1Note
None
SET [m].i
Set �it of Data Memo�y
1Note
None
Branch
JMP add�
Jump un�onditionally
�
None
SZ [m]
Skip if Data Memo�y is ze�o
1Note
None
SZA [m]
Skip if Data Memo�y is ze�o with data movement to ACC
1Note
None
SZ [m].i
Skip if �it i of Data Memo�y is ze�o
1Note
None
SNZ [m].i
Skip if �it i of Data Memo�y is not ze�o
1Note
None
SIZ [m]
Skip if in��ement Data Memo�y is ze�o
1Note
None
SDZ [m]
Skip if de��ement Data Memo�y is ze�o
1Note
None
SIZA [m]
Skip if in��ement Data Memo�y is ze�o with �esult in ACC
1Note
None
SDZA [m]
Skip if de��ement Data Memo�y is ze�o with �esult in ACC
1Note
None
CALL add�
Su��outine �all
�
None
RET
Retu�n f�om su��outine
�
None
RET A�x
Retu�n f�om su��outine and load immediate data to ACC
�
None
RETI
Retu�n f�om inte��upt
�
None
Table Read
TABRDC [m]
Read ta�le to TBLH and Data Memo�y
�Note
None
TABRDL [m]
Read ta�le (last page) to TBLH and Data Memo�y
�Note
None
Miscellaneous
N�P
No ope�ation
1
None
CLR [m]
Clea� Data Memo�y
1Note
None
SET [m]
Set Data Memo�y
1Note
None
CLR WDT
Clea� Wat�hdog Time�
1
T�� PDF
CLR WDT1
P�e-�lea� Wat�hdog Time�
1
T�� PDF
CLR WDT�
P�e-�lea� Wat�hdog Time�
1
T�� PDF
SWAP [m]
Swap ni��les of Data Memo�y
1Note
None
SWAPA [m]
Swap ni��les of Data Memo�y with �esult in ACC
1
None
HALT
Ente� powe� down mode
1
T�� PDF
Note:1.Forskipinstructions,iftheresultofthecomparisoninvolvesaskipthentwocyclesarerequired,ifno
skiptakesplaceonlyonecycleisrequired.
2.AnyinstructionwhichchangesthecontentsofthePCLwillalsorequire2cyclesforexecution.
3.Forthe“CLRWDT1”and“CLRWDT2”instructionstheTOandPDFflagsmaybeaffectedbythe
executionstatus.TheTOandPDFflagsareclearedafterboth“CLRWDT1”and“CLRWDT2”
instructionsareconsecutivelyexecuted.OtherwisetheTOandPDFflagsremainunchanged.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com