Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HT68F005 Datasheet(PDF) 42 Page - Holtek Semiconductor Inc

Part # HT68F005
Description  Enhanced I/O Flash Type MCU
PDF  93 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HOLTEK [Holtek Semiconductor Inc]
Direct Link  http://www.holtek.com
Logo HOLTEK - Holtek Semiconductor Inc

HT68F005 Datasheet(HTML) 42 Page - Holtek Semiconductor Inc

Back Button HT68F005 Datasheet HTML 38Page - Holtek Semiconductor Inc HT68F005 Datasheet HTML 39Page - Holtek Semiconductor Inc HT68F005 Datasheet HTML 40Page - Holtek Semiconductor Inc HT68F005 Datasheet HTML 41Page - Holtek Semiconductor Inc HT68F005 Datasheet HTML 42Page - Holtek Semiconductor Inc HT68F005 Datasheet HTML 43Page - Holtek Semiconductor Inc HT68F005 Datasheet HTML 44Page - Holtek Semiconductor Inc HT68F005 Datasheet HTML 45Page - Holtek Semiconductor Inc HT68F005 Datasheet HTML 46Page - Holtek Semiconductor Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 42 / 93 page
background image
Rev. 1.00
4�
��to�e� ��� �01�
Rev. 1.00
43
��to�e� ��� �01�
HT68F005/HT68F006
Enhanced I/O Flash Type MCU
HT68F005/HT68F006
Enhanced I/O Flash Type MCU
Watchdog Timer Operation
TheWatchdogTimeroperatesbyprovidingadeviceresetwhenitstimeroverflows.Thismeans
thatintheapplicationprogramandduringnormaloperationtheuserhastostrategicallyclear
theWatchdogTimerbeforeitoverflowstopreventtheWatchdogTimerfromexecutingareset.
Thisisdoneusingtheclearwatchdoginstructions.Iftheprogrammalfunctionsforwhatever
reason,jumpstoanunknownlocation,orentersanendlessloop,theseclearinstructionswillnot
beexecutedinthecorrectmanner,inwhichcasetheWatchdogTimerwilloverflowandresetthe
devices.TheWatchdogTimeroption,suchasalwaysenableorsoftwarecontrolisselectedusing
configurationoption.WithregardtotheWatchdogTimerenable/disablefunction,therearealsofive
bits,WE4~WE0,intheWDTCregistertoofferadditionalenable/disableandresetcontrolofthe
WatchdogTimer.
WDT Always Enabled
IftheWDTconfigurationoptionhasselectedthattheWDTisalwaysenabled,theWE4~WE0
bitsstillhaveaneffectontheWDTfunction.WhentheWE4~WE0bitvalueisequalto01010B
or10101B,theWDTfunctionisenabled.However,iftheWE4~WE0bitsarechangedtoany
othervaluesexcept01010Band10101B,whichmaybecausedbyexternalinfluencessuchas
environmentalnoise,itwillresetthemicrocontrollerafter2~3LIRCclockcycles.
WDT Enable/Disabled using the WDT Control Register
IftheWDTconfigurationoptionhasselectedthattheWDTisenabled/disabledusingtheWDT
controlregister,theWE4~WE0valuescandeterminewhichmodetheWDToperatesin.TheWDT
willbedisabledwhentheWE4~WE0bitsaresettoavalueof10101B.TheWDTfunctionwillbe
enablediftheWE4~WE0bitvalueisequalto01010B.IftheWE4~WE0bitsaresettoanyother
valuesotherthan01010Band10101B,itwillresetthedevicesafter2~3LIRCclockcycles.After
poweronthesebitswillhavethevalueof01010B.
WDT Configuration Option
WE4~WE0 Bits
WDT Function
Always Ena�led
01010B o� 10101B
Ena�le
Any othe� value
Reset MCU
Cont�olled �y WDTC Registe�
10101B
Disa�le
01010B
Ena�le
Any othe� value
Reset MCU
Watchdog Timer Enable/Disable Control
Undernormalprogramoperation,aWatchdogTimertime-outwillinitialiseadeviceresetandset
thestatusbitTO.However,ifthesystemisintheSLEEPorIDLEMode,whenaWatchdogTimer
time-outoccurs,theTObitinthestatusregisterwillbesetandonlytheProgramCounterandStack
Pointerwillbereset.ThreemethodscanbeadoptedtocleartheWatchdogTimercontents.Thefirst
isaWDTreset,whichmeansavalueotherthan01010Bor10101BiswrittenintotheWE4~WE0
bitlocations,thesecondistousetheWatchdogTimersoftwareclearinstructionsandthethirdisvia
aHALTinstruction.ThereisonlyonemethodofusingsoftwareinstructiontocleartheWatchdog
Timerandthatistousethesingle“CLRWDT”instructiontocleartheWDT.
Themaximumtimeoutperiodiswhenthe218divisionratioisselected.Asanexample,withthe
32kHzLIRCoscillatorasitssourceclock,thiswillgiveamaximumwatchdogperiodofaround8
secondsforthe218divisionratio,andaminimumtimeoutof7.8msforthe28divisionration.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com