Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HT68F005 Datasheet(PDF) 22 Page - Holtek Semiconductor Inc

Part # HT68F005
Description  Enhanced I/O Flash Type MCU
PDF  93 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HOLTEK [Holtek Semiconductor Inc]
Direct Link  http://www.holtek.com
Logo HOLTEK - Holtek Semiconductor Inc

HT68F005 Datasheet(HTML) 22 Page - Holtek Semiconductor Inc

Back Button HT68F005 Datasheet HTML 18Page - Holtek Semiconductor Inc HT68F005 Datasheet HTML 19Page - Holtek Semiconductor Inc HT68F005 Datasheet HTML 20Page - Holtek Semiconductor Inc HT68F005 Datasheet HTML 21Page - Holtek Semiconductor Inc HT68F005 Datasheet HTML 22Page - Holtek Semiconductor Inc HT68F005 Datasheet HTML 23Page - Holtek Semiconductor Inc HT68F005 Datasheet HTML 24Page - Holtek Semiconductor Inc HT68F005 Datasheet HTML 25Page - Holtek Semiconductor Inc HT68F005 Datasheet HTML 26Page - Holtek Semiconductor Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 22 / 93 page
background image
Rev. 1.00
��
��to�e� ��� �01�
Rev. 1.00
�3
��to�e� ��� �01�
HT68F005/HT68F006
Enhanced I/O Flash Type MCU
HT68F005/HT68F006
Enhanced I/O Flash Type MCU
Indirect Addressing Program Example
data .section data
adres1 db ?
adres2 db ?
adres3 db ?
adres4 db ?
block db ?
code .section at 0 'code'
org 00h
start:
mov a,04h
; setup size of block
mov block,a
mova,offsetadres1;AccumulatorloadedwithfirstRAMaddress
movmp0,a ;setupmemorypointerwithfirstRAMaddress
loop:
clrIAR0 ;clearthedataataddressdefinedbyMP0
inc mp0
; increment memory pointer
sdz block
; check if last memory location has been cleared
jmp loop
continue:
Theimportantpointtonotehereisthatintheexampleshownabove,noreferenceismadetospecific
RAMaddresses.
Bank Pointer – BP
Forthisseriesofdevices,theDataMemoryisdividedintotwobanks.SelectingtherequiredData
MemoryareaisachievedusingtheBankPointer.Bit0isusedtoselectDataMemoryBanks0~1.
TheDataMemoryisinitialisedtoBank0afterareset,exceptforaWDTtime-outresetinthePower
DownMode,inwhichcase,theDataMemorybankremainsunaffected.Itshouldbenotedthatthe
SpecialFunctionDataMemoryisnotaffectedbythebankselection,whichmeansthattheSpecial
FunctionRegisterscanbeaccessedfromwithinanybank.DirectlyaddressingtheDataMemory
willalwaysresultinBank0beingaccessedirrespectiveofthevalueoftheBankPointer.Accessing
datafrombanksotherthanBank0mustbeimplementedusingindirectaddressing.
BP Register
Bit
7
6
5
4
3
2
1
0
Name
—
—
—
—
—
—
—
DMBP0
R/W
—
—
—
—
—
—
—
R/W
P�R
—
—
—
—
—
—
—
0
Bit7~1
Unimplemented,readas“0”
Bit0
DMBP0:SelectDataMemoryBanks
0:Bank0
1:Bank1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com