Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HT68F005 Datasheet(PDF) 11 Page - Holtek Semiconductor Inc

Part # HT68F005
Description  Enhanced I/O Flash Type MCU
PDF  93 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HOLTEK [Holtek Semiconductor Inc]
Direct Link  http://www.holtek.com
Logo HOLTEK - Holtek Semiconductor Inc

HT68F005 Datasheet(HTML) 11 Page - Holtek Semiconductor Inc

Back Button HT68F005 Datasheet HTML 7Page - Holtek Semiconductor Inc HT68F005 Datasheet HTML 8Page - Holtek Semiconductor Inc HT68F005 Datasheet HTML 9Page - Holtek Semiconductor Inc HT68F005 Datasheet HTML 10Page - Holtek Semiconductor Inc HT68F005 Datasheet HTML 11Page - Holtek Semiconductor Inc HT68F005 Datasheet HTML 12Page - Holtek Semiconductor Inc HT68F005 Datasheet HTML 13Page - Holtek Semiconductor Inc HT68F005 Datasheet HTML 14Page - Holtek Semiconductor Inc HT68F005 Datasheet HTML 15Page - Holtek Semiconductor Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 93 page
background image
Rev. 1.00
10
��to�e� ��� �01�
Rev. 1.00
11
��to�e� ��� �01�
HT68F005/HT68F006
Enhanced I/O Flash Type MCU
HT68F005/HT68F006
Enhanced I/O Flash Type MCU
Symbol
Parameter
Test Conditions
Min.
Typ.
Max.
Unit
VDD
Conditions
IDD5
�pe�ating Cu��ent�
No�mal Mode� fH=1�MHz
(HXT)
3V
No load� fSYS=fH/�� WDT ena�le
—
0.9
1.5
mA
5V
—
�.5
3.75
mA
3V
No load� fSYS=fH/4� WDT ena�le
—
0.7
1.0
mA
5V
—
�.0
3.0
mA
3V
No load� fSYS=fH/8� WDT ena�le
—
0.6
0.9
mA
5V
—
1.6
�.4
mA
3V
No load� fSYS=fH/16� WDT ena�le
—
0.5
0.75
mA
5V
—
1.5
�.�5
mA
3V
No load� fSYS=fH/3�� WDT ena�le
—
0.49
0.74
mA
5V
—
1.45
�.18
mA
3V
No load� fSYS=fH/64� WDT ena�le
—
0.47
0.71
mA
5V
—
1.4
�.1
mA
IIDLE01
IDLE0 Mode Stan�y Cu��ent
(LIRC on)
3V
No load� WDT ena�le
—
1.3
3.0
μA
5V
—
�.�
5.0
μA
IIDLE11
IDLE1 Mode Stan�y Cu��ent
(HXT)
3V No load� WDT ena�le�
fSYS=4MHz on
—
0.4
0.8
mA
5V
—
0.8
1.6
mA
IIDLE11A
IDLE1 Mode Stan�y Cu��ent
(HIRC)
3V No load� WDT ena�le�
fSYS=4MHz on
—
0.4
0.8
mA
5V
—
0.8
1.6
mA
IIDLE1�
IDLE1 Mode Stan�y Cu��ent
(HXT)
3V No load� WDT ena�le�
fSYS=8MHz on
—
0.5
1.0
mA
5V
—
1.0
�.0
mA
IIDLE1�A
IDLE1 Mode Stan�y Cu��ent
(HIRC)
3V No load� WDT ena�le�
fSYS=8MHz on
—
0.8
1.6
mA
5V
—
1.0
�.0
mA
IIDLE13
IDLE1 Mode Stan�y Cu��ent
(HXT)
3V No load� WDT ena�le�
fSYS=1�MHz on
—
0.6
1.�
mA
5V
—
1.�
�.4
mA
IIDLE13A
IDLE1 Mode Stan�y Cu��ent
(HIRC)
3V No load� WDT ena�le�
fSYS=1�MHz on
—
0.6
1.�
mA
5V
—
1.�
�.4
mA
IIDLE14
IDLE1 Mode Stan�y Cu��ent
(HXT)
3V No load� WDT ena�le�
fSYS=16MHz on
—
1.0
�.0
mA
5V
—
�.0
4.0
mA
IIDLE15
IDLE1 Mode Stan�y Cu��ent
(HXT)
5V No load� WDT ena�le�
fSYS=�0MHz on
—
�.5
5.0
mA
ISLEEP0
SLEEP0 Mode Stan�y Cu��ent
(LIRC off)
3V No load� WDT disa�le�
LVR disa�le
—
0.1
1.0
μA
5V
—
0.3
�.0
μA
ISLEEP1
SLEEP1 Mode Stan�y Cu��ent
(LIRC on)
3V No load� WDT ena�le�
LVR disa�le
—
1.3
5.0
μA
5V
—
�.�
10
μA
VIL
Input Low Voltage fo� I/� Po�ts
o� Input Pins
5V
—
0
—
1.5
V
—
—
0
—
0.�VDD
V
VIH
Input High Voltage fo� I/� Po�ts
o� Input Pins
5V
—
3.5
—
5.0
V
—
—
0.8VDD
—
VDD
V
I�L
I/� Po�t Sink Cu��ent
3V V�L=0.1VDD
4
8
—
mA
5V V�L=0.1VDD
10
�0
—
mA
I�H
I/� Po�t� Sou��e Cu��ent
3V V�H=0.9VDD
-�
-4
—
mA
5V V�H=0.9VDD
-5
-10
—
mA
RPH
Pull-high Resistan�e fo� I/� Po�ts
3V
—
�0
60
100
kΩ
5V
—
10
30
50
kΩ



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com