Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HT68F005 Datasheet(PDF) 73 Page - Holtek Semiconductor Inc

Part # HT68F005
Description  Enhanced I/O Flash Type MCU
PDF  93 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HOLTEK [Holtek Semiconductor Inc]
Direct Link  http://www.holtek.com
Logo HOLTEK - Holtek Semiconductor Inc

HT68F005 Datasheet(HTML) 73 Page - Holtek Semiconductor Inc

Back Button HT68F005 Datasheet HTML 69Page - Holtek Semiconductor Inc HT68F005 Datasheet HTML 70Page - Holtek Semiconductor Inc HT68F005 Datasheet HTML 71Page - Holtek Semiconductor Inc HT68F005 Datasheet HTML 72Page - Holtek Semiconductor Inc HT68F005 Datasheet HTML 73Page - Holtek Semiconductor Inc HT68F005 Datasheet HTML 74Page - Holtek Semiconductor Inc HT68F005 Datasheet HTML 75Page - Holtek Semiconductor Inc HT68F005 Datasheet HTML 76Page - Holtek Semiconductor Inc HT68F005 Datasheet HTML 77Page - Holtek Semiconductor Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 73 / 93 page
background image
Rev. 1.00
7�
��to�e� ��� �01�
Rev. 1.00
73
��to�e� ��� �01�
HT68F005/HT68F006
Enhanced I/O Flash Type MCU
HT68F005/HT68F006
Enhanced I/O Flash Type MCU
04H
08H
0CH
10H
14H
Vector
Low
P�io�ity
High
Request
Flags
Ena�le
Bits
Maste�
Ena�le
Request
Flags
Ena�le
Bits
EMI auto disa�led in ISR
Inte��upts �ontained within
Multi-Fun�tion Inte��upts
Inte��upt
Name
Inte��upt
Name
EMI
EMI
EMI
EMI
T1AF
TM1 A
T1AE
T1PF
TM1 P
T1PE
INTF
INT Pin
INTE
TB0F
Time Base 0
TB0E
MF0F
M. Fun�t. 0
MF0E
MF1F
M. Fun�t. 1
MF1E
EMI
DEF
EEPR�M
DEE
xxF
Legend
Request Flag – no auto �eset in ISR
xxF Request Flag – auto �eset in ISR
xxE Ena�le Bit
T0AF
TM0 A
T0PF
TM0 P
T0AE
T0PE
1CH
EMI
TB1F
Time Base 1
TB1E
Interrupt Structure
External Interrupt
TheexternalinterruptiscontrolledbysignaltransitionsontheINTpin.Anexternalinterrupt
requestwilltakeplacewhentheexternalinterruptrequestflag,INTF,isset,whichwilloccurwhen
atransition,whosetypeischosenbytheedgeselectbits,appearsontheexternalinterruptpin.To
allowtheprogramtobranchtoitsrespectiveinterruptvectoraddress,theglobalinterruptenablebit,
EMI,andrespectiveexternalinterruptenablebit,INTE,mustfirstbeset.Additionallythecorrect
interruptedgetypemustbeselectedusingtheINTEGregistertoenabletheexternalinterrupt
functionandtochoosethetriggeredgetype.Astheexternalinterruptpinispin-sharedwithanI/
Opin,itcanonlybeconfiguredasanexternalinterruptpinifitsexternalinterruptenablebitinthe
correspondinginterruptregisterhasbeenset.Thepinmustalsobesetupasaninputbysettingthe
correspondingbitintheportcontrolregister.Whentheinterruptisenabled,thestackisnotfull
andthecorrecttransitiontypeappearsontheexternalinterruptpin,asubroutinecalltotheexternal
interruptvector,willtakeplace.Whentheinterruptisserviced,theexternalinterruptrequestflags,
INTF,willbeautomaticallyresetandtheEMIbitwillbeautomaticallyclearedtodisableother
interrupts.Notethatanypull-highresistorselectionontheexternalinterruptpinwillremainvalid
evenifthepinisusedasanexternalinterruptinput.
TheINTEGregisterisusedtoselectthetypeofactiveedgethatwilltriggertheexternalinterrupt.
Achoiceofeitherrisingorfallingorbothedgetypescanbechosentotriggeranexternalinterrupt.
NotethattheINTEGregistercanalsobeusedtodisabletheexternalinterruptfunction.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com