Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HT68F005 Datasheet(PDF) 51 Page - Holtek Semiconductor Inc

Part # HT68F005
Description  Enhanced I/O Flash Type MCU
PDF  93 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HOLTEK [Holtek Semiconductor Inc]
Direct Link  http://www.holtek.com
Logo HOLTEK - Holtek Semiconductor Inc

HT68F005 Datasheet(HTML) 51 Page - Holtek Semiconductor Inc

Back Button HT68F005 Datasheet HTML 47Page - Holtek Semiconductor Inc HT68F005 Datasheet HTML 48Page - Holtek Semiconductor Inc HT68F005 Datasheet HTML 49Page - Holtek Semiconductor Inc HT68F005 Datasheet HTML 50Page - Holtek Semiconductor Inc HT68F005 Datasheet HTML 51Page - Holtek Semiconductor Inc HT68F005 Datasheet HTML 52Page - Holtek Semiconductor Inc HT68F005 Datasheet HTML 53Page - Holtek Semiconductor Inc HT68F005 Datasheet HTML 54Page - Holtek Semiconductor Inc HT68F005 Datasheet HTML 55Page - Holtek Semiconductor Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 51 / 93 page
background image
Rev. 1.00
50
��to�e� ��� �01�
Rev. 1.00
51
��to�e� ��� �01�
HT68F005/HT68F006
Enhanced I/O Flash Type MCU
HT68F005/HT68F006
Enhanced I/O Flash Type MCU
Pin-remapping Functions
Theflexibilityofthemicrocontrollerrangeisgreatlyenhancedbytheuseofpinsthathavemore
thanonefunction.Limitednumbersofpinscanforceseriousdesignconstraintsondesignersbut
bysupplyingpinswithmulti-functions,manyofthesedifficultiescanbeovercome.Thewayin
whichthepinfunctionofeachpinisselectedisdifferentforeachfunctionandapriorityorderis
establishedwheremorethanonepinfunctionisselectedsimultaneously.Additionallythereisa
PRMregistertoestablishcertainpinfunctions.Generallyspeaking,theanalogfunctionhashigher
prioritythanthedigitalfunction.
Pin-remapping Registers
Thelimitednumberofsuppliedpinsinapackagecanimposerestrictionsontheamountoffunctions
acertaindevicecancontain.Howeverbyallowingthesamepinstoshareseveraldifferentfunctions
andprovidingameansoffunctionselection,awiderangeofdifferentfunctionscanbeincorporated
intoevenrelativelysmallpackagesizes.
PRM Register
Register
Name
Bit
7
6
5
4
3
2
1
0
Name
PRMS7
PRMS6
PRMS5
PRMS4
PRMS3
PRMS�
PRMS1
PRMS0
R/W
R/W
R/W
R/W
R/W
R/W
R/W
R/W
R/W
P�R
0
0
0
0
0
0
0
0
Bit7~6
PRMS7~PRMS6:TCK1pin-remappingfunctionselectionbit
00:TCK1onPA2
01:TCK1onPA7
10:Undefined
11:TCK1onPA4
Bit5
PRMS5:TCK0pin-remappingfunctionselectionbit
0:TCK0onPA7
1:TCK0onPA6
Bit4
PRMS4:TP1_0pin-remappingfunctionselectionbit
0:TP1_0onPA6
1:TP1_0onPA7
Bit3
PRMS3:TP0_1pin-remappingfunctionselectionbit
0:TP0_1onPA5
1:TP0_1onPA1
Bit2
PRMS2:TP0_0pin-remappingfunctionselectionbit
0:TP0_0onPA2
1:TP0_0onPA0
Bit1~0
PRMS1~PRMS0:INTpin-remappingfunctionselectionbit
00:INTonPA5
01:INTonPA2
10:INTonPA3
11:INTonPA7



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com