Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HT68F005 Datasheet(PDF) 20 Page - Holtek Semiconductor Inc

Part # HT68F005
Description  Enhanced I/O Flash Type MCU
PDF  93 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HOLTEK [Holtek Semiconductor Inc]
Direct Link  http://www.holtek.com
Logo HOLTEK - Holtek Semiconductor Inc

HT68F005 Datasheet(HTML) 20 Page - Holtek Semiconductor Inc

Back Button HT68F005 Datasheet HTML 16Page - Holtek Semiconductor Inc HT68F005 Datasheet HTML 17Page - Holtek Semiconductor Inc HT68F005 Datasheet HTML 18Page - Holtek Semiconductor Inc HT68F005 Datasheet HTML 19Page - Holtek Semiconductor Inc HT68F005 Datasheet HTML 20Page - Holtek Semiconductor Inc HT68F005 Datasheet HTML 21Page - Holtek Semiconductor Inc HT68F005 Datasheet HTML 22Page - Holtek Semiconductor Inc HT68F005 Datasheet HTML 23Page - Holtek Semiconductor Inc HT68F005 Datasheet HTML 24Page - Holtek Semiconductor Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 20 / 93 page
background image
Rev. 1.00
�0
��to�e� ��� �01�
Rev. 1.00
�1
��to�e� ��� �01�
HT68F005/HT68F006
Enhanced I/O Flash Type MCU
HT68F005/HT68F006
Enhanced I/O Flash Type MCU
RAM Data Memory
TheDataMemoryisavolatileareaof8-bitwideRAMinternalmemoryandisthelocationwhere
temporaryinformationisstored.
Structure
Dividedintotwosections,thefirstoftheseisanareaofRAM,knownastheSpecialFunctionData
Memory.Herearelocatedregisterswhicharenecessaryforcorrectoperationofthedevices.Many
oftheseregisterscanbereadfromandwrittentodirectlyunderprogramcontrol,however,some
remainprotectedfromusermanipulation.
ThesecondareaofDataMemoryisknownastheGeneralPurposeDataMemory,whichisreserved
forgeneralpurposeuse.Alllocationswithinthisareaarereadandwriteaccessibleunderprogram
control.
TheoverallDataMemoryissubdividedintotwobanksforallthedevices.TheSpecialPurposeData
Memoryregistersareaccessibleinallbanks,withtheexceptionoftheEECregisterataddress40H,
whichisonlyaccessibleinBank1.SwitchingbetweenthedifferentDataMemorybanksisachieved
bysettingtheBankPointertothecorrectvalue.ThestartaddressoftheDataMemoryforalldevices
istheaddress00H.
Device
Capacity
Bank 0
Bank 1
HT68F005
3�×8
40H~5FH
40H (EEC) availa�le only
HT68F006
64×8
40H~7FH
40H (EEC) availa�le only
General Purpose Data Memory Structure
00 H
01 H
02 H
03 H
04 H
05 H
06 H
07 H
08 H
09 H
0A H
0B H
0C H
0D H
0E H
0F H
10 H
11 H
12 H
13 H
14 H
15 H
16 H
17 H
18 H
19 H
1A H
1B H
1C H
1D H
1E H
1F H
IA R0
MP 0
IA R1
MP 1
BP
AC C
PC L
TB LP
TB LH
TB HP
ST AT US
SM OD
Un us ed
IN TE G
IN TC 0
IN TC 1
Un us ed
MF I0
MF I1
Un us ed
PA
PAC
PAP U
PA WU
PR M
LV RC
WD TC
TB C
CT RL
Un us ed
EE A
EED
20 H
21 H
22 H
23 H
24 H
25 H
26 H
27 H
28 H
29 H
2A H
2B H
2C H
2D H
2E H
2F H
30 H
31 H
32 H
33 H
34 H
35 H
36 H
3F H
Un us ed
Un us ed
Un us ed
Un us ed
Un us ed
Un us ed
Un us ed
TM PC
TM 0C 0
TM 0C 1
TM 0D L
TM 0D H
TM 0A L
TM 0A H
TM 1C 0
TM 1C 1
TM 1D L
TM 1D H
TM 1A L
TM 1A H
Un us ed
Un us ed
Un us ed
Ba nk 0 & B an k 1
Ba nk 0 & B an k 1
: U nus ed , re ad as 0 0H
HT68F005/HT68F006 Special Purpose Data Memory Structure



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com