Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HT68F005 Datasheet(PDF) 7 Page - Holtek Semiconductor Inc

Part # HT68F005
Description  Enhanced I/O Flash Type MCU
PDF  93 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HOLTEK [Holtek Semiconductor Inc]
Direct Link  http://www.holtek.com
Logo HOLTEK - Holtek Semiconductor Inc

HT68F005 Datasheet(HTML) 7 Page - Holtek Semiconductor Inc

Back Button HT68F005 Datasheet HTML 3Page - Holtek Semiconductor Inc HT68F005 Datasheet HTML 4Page - Holtek Semiconductor Inc HT68F005 Datasheet HTML 5Page - Holtek Semiconductor Inc HT68F005 Datasheet HTML 6Page - Holtek Semiconductor Inc HT68F005 Datasheet HTML 7Page - Holtek Semiconductor Inc HT68F005 Datasheet HTML 8Page - Holtek Semiconductor Inc HT68F005 Datasheet HTML 9Page - Holtek Semiconductor Inc HT68F005 Datasheet HTML 10Page - Holtek Semiconductor Inc HT68F005 Datasheet HTML 11Page - Holtek Semiconductor Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 93 page
background image
Rev. 1.00
6
��to�e� ��� �01�
Rev. 1.00
7
��to�e� ��� �01�
HT68F005/HT68F006
Enhanced I/O Flash Type MCU
HT68F005/HT68F006
Enhanced I/O Flash Type MCU
General Description
ThedevicesareFlashMemorytype8-bithighperformanceRISCarchitecturemicrocontrollers.
OfferinguserstheconvenienceofFlashMemorymulti-programmingfeatures,thesedevicesalso
includeawiderangeoffunctionsandfeatures.OthermemoryincludesanareaofRAMData
MemoryaswellasanareaofEEPROMmemoryforstorageofnon-volatiledatasuchasserial
numbers,calibrationdataetc.
MultipleandextremelyflexibleTimerModulesprovidetiming,andPWMgenerationfunctions.
ProtectivefeaturessuchasaninternalWatchdogTimer,LowVoltageResetcoupledwithexcellent
noiseimmunityandESDprotectionensurethatreliableoperationismaintainedinhostileelectrical
environments.
AfullchoiceofHXT,HIRCandLIRCoscillatorfunctionsareprovidedincludingafullyintegrated
systemoscillatorwhichrequiresnoexternalcomponentsforitsimplementation.Theabilityto
operateandswitchdynamicallybetweenarangeofoperatingmodesusingdifferentclocksources
givesuserstheabilitytooptimisemicrocontrolleroperationandminimisepowerconsumption.
TheinclusionofflexibleI/Oprogrammingfeatures,Time-Basefunctionsalongwithmanyother
featuresensurethatthedeviceswillfindexcellentuseinapplicationssuchaselectronicmetering,
environmentalmonitoring,handheldinstruments,householdappliances,electronicallycontrolled
tools,motordrivinginadditiontomanyothers.
Selection Table
Mostfeaturesarecommontoalldevices,themainfeaturedistinguishingthemistheMemory
capacityonly.Thefollowingtablesummarisesthemainfeaturesofeachdevice.
Part No.
VDD
Program
Memory
Data
Memory
Data
EEPROM I/O
Ext.
Interrupt
Timer
Module
Stack Package
HT68F005 �.�V~5.5V
0.5K×16
3�×8
3�×8
8
1
10-�it CTM�
�
10 MS�P
HT68F006 �.�V~5.5V
1K×16
64×8
3�×8
8
1
10-�it CTM�
�
10 MS�P



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com