Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HT68F005 Datasheet(PDF) 37 Page - Holtek Semiconductor Inc

Part # HT68F005
Description  Enhanced I/O Flash Type MCU
PDF  93 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HOLTEK [Holtek Semiconductor Inc]
Direct Link  http://www.holtek.com
Logo HOLTEK - Holtek Semiconductor Inc

HT68F005 Datasheet(HTML) 37 Page - Holtek Semiconductor Inc

Back Button HT68F005 Datasheet HTML 33Page - Holtek Semiconductor Inc HT68F005 Datasheet HTML 34Page - Holtek Semiconductor Inc HT68F005 Datasheet HTML 35Page - Holtek Semiconductor Inc HT68F005 Datasheet HTML 36Page - Holtek Semiconductor Inc HT68F005 Datasheet HTML 37Page - Holtek Semiconductor Inc HT68F005 Datasheet HTML 38Page - Holtek Semiconductor Inc HT68F005 Datasheet HTML 39Page - Holtek Semiconductor Inc HT68F005 Datasheet HTML 40Page - Holtek Semiconductor Inc HT68F005 Datasheet HTML 41Page - Holtek Semiconductor Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 37 / 93 page
background image
Rev. 1.00
36
��to�e� ��� �01�
Rev. 1.00
37
��to�e� ��� �01�
HT68F005/HT68F006
Enhanced I/O Flash Type MCU
HT68F005/HT68F006
Enhanced I/O Flash Type MCU
NO RM AL M ode
SL E EP0 M ode
SL E EP1 M ode
ID LE 0 M ode
ID LE 1 M ode
SL OW M od e
CK S2 ~C KS0 ¹ 000B , 001B a s HL CL K= 0
or H LC LK =1
WD T is o f f
ID LE N = 0
HA LT i ns tr uc ti on is e xe cu te d
WD T is o n
ID LE N = 0
HA LT i ns tr uc ti on is e xe cu te d
ID LE N = 1, F SYS ON =0
HA LT i ns tr uc ti on i s ex ec ut ed
ID LE N = 1, F SYSO N= 1
HA LT i ns tr uc ti on is e xe cu te d
SLOW Mode to NORMAL Mode Switching
IntheSLOWModethesystemusestheLIRClowspeedsystemoscillator.Toswitchbacktothe
NORMALMode,wherethehighspeedsystemoscillatorisused,theHLCLKbitshouldbesetto
“1”orHLCLKbitis“0”,butCKS2~CKS0issetto“010”,“011”,“100”,“101”,“110”or“111”.
Asacertainamountoftimewillberequiredforthehighfrequencyclocktostabilise,thestatusof
theHTObitischecked.Theamountoftimerequiredforhighspeedsystemoscillatorstabilization
dependsuponwhichhighspeedsystemoscillatortypeisused.
Entering the SLEEP0 Mode
ThereisonlyonewayforthesedevicestoentertheSLEEP0Modeandthatistoexecutethe“HALT”
instructionintheapplicationprogramwiththeIDLENbitinSMODregisterequalto“0”andthe
WDToff.Whenthisinstructionisexecutedundertheconditionsdescribedabove,thefollowingwill
occur:
• Thesystemclock,WDTclockandTimeBaseclockwillbestoppedandtheapplicationprogram
willstopatthe“HALT”instruction.
• TheDataMemorycontentsandregisterswillmaintaintheirpresentcondition.
• TheWDTwillbeclearedandstopped.
• TheI/Oportswillmaintaintheirpresentconditions.
• Inthestatusregister,thePowerDownflag,PDF,willbesetandtheWatchdogtime-outflag,TO,
willbecleared.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com