Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

R5F104FHD Datasheet(PDF) 37 Page - Renesas Technology Corp

Part # R5F104FHD
Description  True Low Power Platform
PDF  213 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

R5F104FHD Datasheet(HTML) 37 Page - Renesas Technology Corp

Back Button R5F104FHD Datasheet HTML 33Page - Renesas Technology Corp R5F104FHD Datasheet HTML 34Page - Renesas Technology Corp R5F104FHD Datasheet HTML 35Page - Renesas Technology Corp R5F104FHD Datasheet HTML 36Page - Renesas Technology Corp R5F104FHD Datasheet HTML 37Page - Renesas Technology Corp R5F104FHD Datasheet HTML 38Page - Renesas Technology Corp R5F104FHD Datasheet HTML 39Page - Renesas Technology Corp R5F104FHD Datasheet HTML 40Page - Renesas Technology Corp R5F104FHD Datasheet HTML 41Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 37 / 213 page
background image
RL78/G14
1. OUTLINE
R01DS0053EJ0330 Rev. 3.30
Page 37 of 208
Aug 12, 2016
[30-pin, 32-pin, 36-pin, 40-pin products (code flash memory 96 KB to 256 KB)]
Caution
This outline describes the functions at the time when Peripheral I/O redirection register 0, 1
(PIOR0, 1) are set to 00H.
(1/2)
(Note is listed on the next page.)
Item
30-pin
32-pin
36-pin
40-pin
R5F104Ax
(x = F, G)
R5F104Bx
(x = F, G)
R5F104Cx
(x = F, G)
R5F104Ex
(x = F to H)
Code flash memory (KB)
96 to 128
96 to 128
96 to 128
96 to 192
Data flash memory (KB)
8888
RAM (KB)
12 to 16 Note
12 to 16 Note
12 to 16 Note
12 to 20 Note
Address space
1 MB
Main system
clock
High-speed system
clock
X1 (crystal/ceramic) oscillation, external main system clock input (EXCLK)
HS (high-speed main) mode: 1 to 20 MHz (VDD = 2.7 to 5.5 V),
HS (high-speed main) mode: 1 to 16 MHz (VDD = 2.4 to 5.5 V),
LS (low-speed main) mode:
1 to 8 MHz (VDD = 1.8 to 5.5 V),
LV (low-voltage main) mode: 1 to 4 MHz (VDD = 1.6 to 5.5 V)
High-speed on-chip
oscillator clock (fIH)
HS (high-speed main) mode: 1 to 32 MHz (VDD = 2.7 to 5.5 V),
HS (high-speed main) mode: 1 to 16 MHz (VDD = 2.4 to 5.5 V),
LS (low-speed main) mode:
1 to 8 MHz (VDD = 1.8 to 5.5 V),
LV (low-voltage main) mode: 1 to 4 MHz (VDD = 1.6 to 5.5 V)
Subsystem clock
—
XT1 (crystal) oscillation,
external subsystem
clock input (EXCLKS)
32.768 kHz
Low-speed on-chip oscillator clock
15 kHz (TYP.): VDD = 1.6 to 5.5 V
General-purpose register
8 bits
× 32 registers (8 bits × 8 registers × 4 banks)
Minimum instruction execution time
0.03125
μs (High-speed on-chip oscillator clock: fIH = 32 MHz operation)
0.05
μs (High-speed system clock: fMX = 20 MHz operation)
—
30.5
μs (Subsystem
clock: fSUB = 32.768 kHz
operation)
Instruction set
• Data transfer (8/16 bits)
• Adder and subtractor/logical operation (8/16 bits)
• Multiplication (8 bits
× 8 bits, 16 bits × 16 bits), Division (16 bits ÷ 16 bits, 32 bits ÷ 32 bits)
• Multiplication and Accumulation (16 bits
× 16 bits + 32 bits)
• Rotate, barrel shift, and bit manipulation (Set, reset, test, and Boolean operation), etc.
I/O port
Total
26
28
32
36
CMOS I/O
21
22
26
28
CMOS input
3335
CMOS output
————
N-ch open-drain I/O (6
V tolerance)
2333
Timer
16-bit timer
8 channels
(TAU: 4 channels, Timer RJ: 1 channel, Timer RD: 2 channels, Timer RG: 1 channel)
Watchdog timer
1 channel
Real-time clock (RTC)
1 channel
12-bit interval timer
1 channel
Timer output
Timer outputs: 13 channels
PWM outputs: 9 channels
RTC output
—
1
•1 Hz
(subsystem clock: fSUB
= 32.768 kHz)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com