Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

R5F104FHD Datasheet(PDF) 56 Page - Renesas Technology Corp

Part # R5F104FHD
Description  True Low Power Platform
PDF  213 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

R5F104FHD Datasheet(HTML) 56 Page - Renesas Technology Corp

Back Button R5F104FHD Datasheet HTML 52Page - Renesas Technology Corp R5F104FHD Datasheet HTML 53Page - Renesas Technology Corp R5F104FHD Datasheet HTML 54Page - Renesas Technology Corp R5F104FHD Datasheet HTML 55Page - Renesas Technology Corp R5F104FHD Datasheet HTML 56Page - Renesas Technology Corp R5F104FHD Datasheet HTML 57Page - Renesas Technology Corp R5F104FHD Datasheet HTML 58Page - Renesas Technology Corp R5F104FHD Datasheet HTML 59Page - Renesas Technology Corp R5F104FHD Datasheet HTML 60Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 56 / 213 page
background image
RL78/G14
2. ELECTRICAL SPECIFICATIONS (TA = -40 to +85
°C)
R01DS0053EJ0330 Rev. 3.30
Page 56 of 208
Aug 12, 2016
2.2
Oscillator Characteristics
2.2.1
X1, XT1 characteristics
Note
Indicates only permissible oscillator frequency ranges. Refer to AC Characteristics for instruction execution time.
Request evaluation by the manufacturer of the oscillator circuit mounted on a board to check the oscillator
characteristics.
Caution
Since the CPU is started by the high-speed on-chip oscillator clock after a reset release, check the X1 clock
oscillation stabilization time using the oscillation stabilization time counter status register (OSTC) by the user.
Determine the oscillation stabilization time of the OSTC register and the oscillation stabilization time select
register (OSTS) after sufficiently evaluating the oscillation stabilization time with the resonator to be used.
Remark
When using the X1 oscillator and XT1 oscillator, refer to 5.4 System Clock Oscillator in the RL78/G14 User’s Manual.
2.2.2
On-chip oscillator characteristics
Note 1.
High-speed on-chip oscillator frequency is selected with bits 0 to 4 of the option byte (000C2H) and bits 0 to 2 of the
HOCODIV register.
Note 2.
This only indicates the oscillator characteristics. Refer to AC Characteristics for instruction execution time.
(TA = -40 to +85°C, 1.6 V
≤ VDD ≤ 5.5 V, VSS = 0 V)
Resonator
Resonator
Conditions
MIN.
TYP.
MAX.
Unit
X1 clock oscillation frequency (fX) Note
Ceramic resonator/
crystal resonator
2.7 V
≤ VDD ≤ 5.5 V
1.0
20.0
MHz
2.4 V
≤ VDD < 2.7 V
1.0
16.0
1.8 V
≤ VDD < 2.4 V
1.0
8.0
1.6 V
≤ VDD < 1.8 V
1.0
4.0
XT1 clock oscillation frequency (fXT) Note
Crystal resonator
32
32.768
35
kHz
(TA = -40 to +85°C, 1.6 V
≤ VDD ≤ 5.5 V, VSS = 0 V)
Oscillators
Parameters
Conditions
MIN.
TYP.
MAX.
Unit
High-speed on-chip oscillator clock frequency
Notes 1, 2
fIH
132
MHz
High-speed on-chip oscillator clock frequency
accuracy
-20 to +85°C 1.8 V
≤ VDD ≤ 5.5 V
-1.0
+1.0
%
1.6 V
≤ VDD < 1.8 V
-5.0
+5.0
%
-40 to -20°C
1.8 V
≤ VDD < 5.5 V
-1.5
+1.5
%
1.6 V
≤ VDD < 1.8 V
-5.5
+5.5
%
Low-speed on-chip oscillator clock frequency
fIL
15
kHz
Low-speed on-chip oscillator clock frequency
accuracy
-15
+15
%



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com