Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

R5F104FHD Datasheet(PDF) 16 Page - Renesas Technology Corp

Part # R5F104FHD
Description  True Low Power Platform
PDF  213 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

R5F104FHD Datasheet(HTML) 16 Page - Renesas Technology Corp

Back Button R5F104FHD Datasheet HTML 12Page - Renesas Technology Corp R5F104FHD Datasheet HTML 13Page - Renesas Technology Corp R5F104FHD Datasheet HTML 14Page - Renesas Technology Corp R5F104FHD Datasheet HTML 15Page - Renesas Technology Corp R5F104FHD Datasheet HTML 16Page - Renesas Technology Corp R5F104FHD Datasheet HTML 17Page - Renesas Technology Corp R5F104FHD Datasheet HTML 18Page - Renesas Technology Corp R5F104FHD Datasheet HTML 19Page - Renesas Technology Corp R5F104FHD Datasheet HTML 20Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 213 page
background image
RL78/G14
1. OUTLINE
R01DS0053EJ0330 Rev. 3.30
Page 16 of 208
Aug 12, 2016
• 48-pin plastic HWQFN (7
× 7 mm, 0.5 mm pitch)
Note 1.
Mounted on the 96 KB or more code flash memory products.
Note 2.
Mounted on the 384 KB or more code flash memory products.
Caution
Connect the REGC pin to VSS pin via a capacitor (0.47 to 1
μF).
Remark 1.
For pin identification, see 1.4 Pin Identification.
Remark 2.
Functions in parentheses in the above figure can be assigned via settings in the peripheral I/O redirection register 0, 1
(PIOR0, 1).
Remark 3.
It is recommended to connect an exposed die pad to VSS.
P147/ANI18/VCOUT1
Note 1
P146
P10/SCK11/SCL11/TRDIOD1
P11/SI11/SDA11/TRDIOC1/(RxD0_1) Note 2
P12/SO11/TRDIOB1/IVREF1 Note 1/(TxD0_1) Note 2
P13/TxD2/SO20/TRDIOA1/IVCMP1 Note 1
P14/RxD2/SI20/SDA20/TRDIOD0/(SCLA0)
P15/PCLBUZ1/SCK20/SCL20/TRDIOB0/(SDAA0)
P16/TI01/TO01/INTP5/TRDIOC0/IVREF0
Note 1/(RXD0)
P17/TI02/TO02/TRDIOA0/TRDCLK/IVCMP0
Note 1/(TXD0)
P51/INTP2/SO00/TxD0/TOOLTxD/TRGIOB
P50/INTP1/SI00/RxD0/TOOLRxD/SDA00/TRGIOA/(TRJO0
P120/ANI19/VCOUT0 Note 1
P41/(TRJIO0)
P40/TOOL0
RESET
P124/XT2/EXCLKS
P123/XT1
P137/INTP0
P122/X2/EXCLK
P121/X1
REGC
VSS
VDD
37
38
39
40
41
42
43
44
45
46
47
48
24
23
22
21
20
19
18
17
16
15
14
13
1 2 3 4 5 6 7 8 9 10 11 12
36 35 34 33 32 31 30 29 28 27 26 25
exposed die pad
RL78/G14
(Top View)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com