Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

R5F104FHD Datasheet(PDF) 22 Page - Renesas Technology Corp

Part # R5F104FHD
Description  True Low Power Platform
PDF  213 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

R5F104FHD Datasheet(HTML) 22 Page - Renesas Technology Corp

Back Button R5F104FHD Datasheet HTML 18Page - Renesas Technology Corp R5F104FHD Datasheet HTML 19Page - Renesas Technology Corp R5F104FHD Datasheet HTML 20Page - Renesas Technology Corp R5F104FHD Datasheet HTML 21Page - Renesas Technology Corp R5F104FHD Datasheet HTML 22Page - Renesas Technology Corp R5F104FHD Datasheet HTML 23Page - Renesas Technology Corp R5F104FHD Datasheet HTML 24Page - Renesas Technology Corp R5F104FHD Datasheet HTML 25Page - Renesas Technology Corp R5F104FHD Datasheet HTML 26Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 22 / 213 page
background image
RL78/G14
1. OUTLINE
R01DS0053EJ0330 Rev. 3.30
Page 22 of 208
Aug 12, 2016
• 100-pin plastic LQFP (14
× 20 mm, 0.65 mm pitch)
Note
Mounted on the 384 KB or more code flash memory products.
Caution 1. Make EVSS0, EVSS1 pins the same potential as VSS pin.
Caution 2. Make VDD pin the potential that is higher than EVDD0, EVDD1 pins (EVDD0 = EVDD1).
Caution 3. Connect the REGC pin to VSS pin via a capacitor (0.47 to 1
μF).
Remark 1.
For pin identification, see 1.4 Pin Identification.
Remark 2.
When using the microcontroller for an application where the noise generated inside the microcontroller must be reduced,
it is recommended to supply separate powers to the VDD, EVDD0 and EVDD1 pins and connect the VSS, EVSS0 and EVSS1
pins to separate ground lines.
Remark 3.
Functions in parentheses in the above figure can be assigned via settings in the peripheral I/O redirection register 0, 1
(PIOR0, 1).
P146/(INTP4)
P111
P110/(INTP11)
P101
P10/SCK11/SCL11/TRDIOD1
P11/SI11/SDA11/TRDIOC1/(RxD0_1) Note
P12/SO11/TRDIOB1/IVREF1/(INTP5)/(TxD0_1) Note
P13/TxD2/SO20/TRDIOA1/IVCMP1
P14/RxD2/SI20/SDA20/TRDIOD0/(SCLA0)
P15/SCK20/SCL20/TRDIOB0/(SDAA0)
P16/TI01/TO01/INTP5/TRDIOC0/IVREF0/(SI00)/(RxD0)
P17/TI02/TO02/TRDIOA0/TRDCLK/IVCMP0/(SO00)/(TxD0)
P57/(INTP3)
P56/(INTP1)
P55/(PCLBUZ1)/(SCK00)
P54/SCK31/SCL31
P53/SI31/SDA31
P52/SO31
P51/SO00/TxD0/TOOLTxD/TRGIOB
P50/SI00/RxD0/TOOLRxD/SDA00/TRGIOA/(TRJO0)
31
32
33
34
35
36
37
38
39
40
41
42
43
44
45
46
47
48
49
50
1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30
80 79 78 77 76 75 74 73 72 71 70 69 68 67 66 65 64 63 62 61 60 59 58 57 56 55 54 53 52 51
81
82
83
84
85
86
87
88
89
90
91
92
93
94
95
96
97
98
99
100
P120/ANI19/VCOUT0
P47/INTP2
P46/INTP1
P45/SO01
P44/SI01/SDA01
P43/SCK01/SCL01
P42
P41/(TRJIO0)
P40/TOOL0
RESET
P124/XT2/EXCLKS
P123/XT1
P137/INTP0
P122/X2/EXCLK
P121/X1
REGC
VSS
EVSS0
VDD
EVDD0
RL78/G14
(Top View)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com