Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

R5F104FHD Datasheet(PDF) 95 Page - Renesas Technology Corp

Part # R5F104FHD
Description  True Low Power Platform
PDF  213 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

R5F104FHD Datasheet(HTML) 95 Page - Renesas Technology Corp

Back Button R5F104FHD Datasheet HTML 91Page - Renesas Technology Corp R5F104FHD Datasheet HTML 92Page - Renesas Technology Corp R5F104FHD Datasheet HTML 93Page - Renesas Technology Corp R5F104FHD Datasheet HTML 94Page - Renesas Technology Corp R5F104FHD Datasheet HTML 95Page - Renesas Technology Corp R5F104FHD Datasheet HTML 96Page - Renesas Technology Corp R5F104FHD Datasheet HTML 97Page - Renesas Technology Corp R5F104FHD Datasheet HTML 98Page - Renesas Technology Corp R5F104FHD Datasheet HTML 99Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 95 / 213 page
background image
RL78/G14
2. ELECTRICAL SPECIFICATIONS (TA = -40 to +85
°C)
R01DS0053EJ0330 Rev. 3.30
Page 95 of 208
Aug 12, 2016
Note 1.
The smaller maximum transfer rate derived by using fMCK/6 or the following expression is the valid maximum transfer rate.
Expression for calculating the transfer rate when 4.0 V
≤ EVDD0 ≤ 5.5 V and 2.7 V ≤ Vb ≤ 4.0 V
Note 2.
This value as an example is calculated when the conditions described in the “Conditions” column are met.
Refer to Note 1 above to calculate the maximum transfer rate under conditions of the customer.
Note 3.
The smaller maximum transfer rate derived by using fMCK/6 or the following expression is the valid maximum transfer
rate.
Expression for calculating the transfer rate when 2.7 V
≤ EVDD0 < 4.0 V and 2.3 V ≤ Vb ≤ 2.7 V
(6)
Communication at different potential (1.8 V, 2.5 V, 3 V) (UART mode)
(TA = -40 to +85°C, 1.6 V
≤ EVDD0 = EVDD1 ≤ VDD ≤ 5.5 V, VSS = EVSS0 = EVSS1 = 0 V)
(2/2)
Parameter
Symbol
Conditions
HS (high-speed main)
mode
LS (low-speed main)
mode
LV (low-voltage main)
mode
Unit
MIN.
MAX.
MIN.
MAX.
MIN.
MAX.
Transfer
rate
transmission
4.0 V
≤ EVDD0 ≤ 5.5 V,
2.7 V
≤ Vb ≤ 4.0 V
Note 1
Note 1
Note 1
bps
Theoretical value of the
maximum transfer rate
Cb = 50 pF, Rb = 1.4 k
Ω,
Vb = 2.7 V
2.8 Note 2
2.8 Note 2
2.8 Note 2
Mbps
2.7 V
≤ EVDD0 < 4.0 V,
2.3 V
≤ Vb ≤ 2.7 V
Note 3
Note 3
Note 3
bps
Theoretical value of the
maximum transfer rate
Cb = 50 pF, Rb = 2.7 k
Ω,
Vb = 2.3 V
1.2 Note 4
1.2 Note 4
1.2 Note 4
Mbps
1.8 V
≤ EVDD0 < 3.3 V,
1.6 V
≤ Vb ≤ 2.0 V
Notes 5, 6
Notes 5, 6
Notes 5, 6
bps
Theoretical value of the
maximum transfer rate
Cb = 50 pF, Rb = 5.5 k
Ω,
Vb = 1.6 V
0.43 Note 7
0.43 Note 7
0.43 Note 7
Mbps
Maximum transfer rate =
1
[bps]
Baud rate error (theoretical value) =
1
Transfer rate
× 2
-
{-Cb
× Rb × In (1 -
)}
× 3
2.2
Vb
{-Cb
× Rb × In (1 -
)}
2.2
Vb
(
)
× Number of transferred bits
1
Transfer rate
× 100 [%]
* This value is the theoretical value of the relative difference between the transmission and reception sides.
Maximum transfer rate =
1
[bps]
Baud rate error (theoretical value) =
1
Transfer rate
× 2
-
{-Cb
× Rb × In (1 -
)}
× 3
2.0
Vb
{-Cb
× Rb × In (1 -
)}
2.0
Vb
(
)
× Number of transferred bits
1
Transfer rate
× 100 [%]
* This value is the theoretical value of the relative difference between the transmission and reception sides.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com