Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

R5F104FHD Datasheet(PDF) 100 Page - Renesas Technology Corp

Part # R5F104FHD
Description  True Low Power Platform
PDF  213 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

R5F104FHD Datasheet(HTML) 100 Page - Renesas Technology Corp

Back Button R5F104FHD Datasheet HTML 96Page - Renesas Technology Corp R5F104FHD Datasheet HTML 97Page - Renesas Technology Corp R5F104FHD Datasheet HTML 98Page - Renesas Technology Corp R5F104FHD Datasheet HTML 99Page - Renesas Technology Corp R5F104FHD Datasheet HTML 100Page - Renesas Technology Corp R5F104FHD Datasheet HTML 101Page - Renesas Technology Corp R5F104FHD Datasheet HTML 102Page - Renesas Technology Corp R5F104FHD Datasheet HTML 103Page - Renesas Technology Corp R5F104FHD Datasheet HTML 104Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 100 / 213 page
background image
RL78/G14
2. ELECTRICAL SPECIFICATIONS (TA = -40 to +85
°C)
R01DS0053EJ0330 Rev. 3.30
Page 100 of 208
Aug 12, 2016
Note
Use it with EVDD0
≥ Vb.
Caution
Select the TTL input buffer for the SIp pin and the N-ch open drain output (VDD tolerance (for the 30- to 52-pin
products)/EVDD tolerance (for the 64- to 100-pin products)) mode for the SOp pin and SCKp pin by using port
input mode register g (PIMg) and port output mode register g (POMg). For VIH and VIL, see the DC characteristics
with TTL input buffer selected.
(Remarks are listed two pages after the next page.)
(8)
Communication at different potential (1.8 V, 2.5 V, 3 V) (CSI mode) (master mode, SCKp... internal clock
output)
(TA = -40 to +85°C, 1.8 V
≤ EVDD0 = EVDD1 ≤ VDD ≤ 5.5 V, VSS = EVSS0 = EVSS1 = 0 V)
Parameter
Symbol
Conditions
HS (high-speed
main) mode
LS (low-speed main)
mode
LV (low-voltage
main) mode
Unit
MIN.
MAX.
MIN.
MAX.
MIN.
MAX.
SCKp cycle time
tKCY1
tKCY1
≥ 4/fCLK 4.0 V ≤ EVDD0 ≤ 5.5 V,
2.7 V
≤ Vb ≤ 4.0 V,
Cb = 30 pF, Rb = 1.4 k
Ω
300
1150
1150
ns
2.7 V
≤ EVDD0 < 4.0 V,
2.3 V
≤ Vb ≤ 2.7 V,
Cb = 30 pF, Rb = 2.7 k
Ω
500
1150
1150
ns
1.8 V
≤ EVDD0 < 3.3 V,
1.6 V
≤ Vb ≤ 2.0 V Note,
Cb = 30 pF, Rb = 5.5 k
Ω
1150
1150
1150
ns
SCKp high-level
width
tKH1
4.0 V
≤ EVDD0 ≤ 5.5 V,
2.7 V
≤ Vb ≤ 4.0 V,
Cb = 30 pF, Rb = 1.4 k
Ω
tKCY1/2 - 75
tKCY1/2 - 75
tKCY1/2 - 75
ns
2.7 V
≤ EVDD0 < 4.0 V,
2.3 V
≤ Vb ≤ 2.7 V,
Cb = 30 pF, Rb = 2.7 k
Ω
tKCY1/2 - 170
tKCY1/2 - 170
tKCY1/2 - 170
ns
1.8 V
≤ EVDD0 < 3.3 V,
1.6 V
≤ Vb ≤ 2.0 V Note,
Cb = 30 pF, Rb = 5.5 k
Ω
tKCY1/2 - 458
tKCY1/2 - 458
tKCY1/2 - 458
ns
SCKp low-level
width
tKL1
4.0 V
≤ EVDD0 ≤ 5.5 V,
2.7 V
≤ Vb ≤ 4.0 V,
Cb = 30 pF, Rb = 1.4 k
Ω
tKCY1/2 - 12
tKCY1/2 - 50
tKCY1/2 - 50
ns
2.7 V
≤ EVDD0 < 4.0 V,
2.3 V
≤ Vb ≤ 2.7 V,
Cb = 30 pF, Rb = 2.7 k
Ω
tKCY1/2 - 18
tKCY1/2 - 50
tKCY1/2 - 50
ns
1.8 V
≤ EVDD0 < 3.3 V,
1.6 V
≤ Vb ≤ 2.0 V Note,
Cb = 30 pF, Rb = 5.5 k
Ω
tKCY1/2 - 50
tKCY1/2 - 50
tKCY1/2 - 50
ns



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com