Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

R5F104FHD Datasheet(PDF) 89 Page - Renesas Technology Corp

Part # R5F104FHD
Description  True Low Power Platform
PDF  213 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

R5F104FHD Datasheet(HTML) 89 Page - Renesas Technology Corp

Back Button R5F104FHD Datasheet HTML 85Page - Renesas Technology Corp R5F104FHD Datasheet HTML 86Page - Renesas Technology Corp R5F104FHD Datasheet HTML 87Page - Renesas Technology Corp R5F104FHD Datasheet HTML 88Page - Renesas Technology Corp R5F104FHD Datasheet HTML 89Page - Renesas Technology Corp R5F104FHD Datasheet HTML 90Page - Renesas Technology Corp R5F104FHD Datasheet HTML 91Page - Renesas Technology Corp R5F104FHD Datasheet HTML 92Page - Renesas Technology Corp R5F104FHD Datasheet HTML 93Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 89 / 213 page
background image
RL78/G14
2. ELECTRICAL SPECIFICATIONS (TA = -40 to +85
°C)
R01DS0053EJ0330 Rev. 3.30
Page 89 of 208
Aug 12, 2016
Caution
Select the normal input buffer for the SIp pin and SCKp pin and the normal output mode for the SOp pin by using
port input mode register g (PIMg) and port output mode register g (POMg).
Remark
p: CSI number (p = 00), m: Unit number (m = 0), n: Channel number (n = 0), g: PIM number (g = 3, 5)
CSI mode connection diagram (during communication at same potential)
CSI mode connection diagram (during communication at same potential)
(Slave Transmission of slave select input function (CSI00))
Remark 1.
p: CSI number (p = 00, 01, 10, 11, 20, 21, 30, 31)
Remark 2.
m: Unit number, n: Channel number (mn = 00 to 03, 10 to 13)
(4)
During communication at same potential (CSI mode) (slave mode, SCKp... external clock input)
(TA = -40 to +85°C, 1.6 V
≤ EVDD0 = EVDD1 ≤ VDD ≤ 5.5 V, VSS = EVSS0 = EVSS1 = 0 V)
(2/2)
Parameter
Symbol
Conditions
HS (high-speed main)
mode
LS (low-speed main)
mode
LV (low-voltage main)
mode
Unit
MIN.
MAX.
MIN.
MAX.
MIN.
MAX.
SSI00 setup time
tSSIK
DAPmn = 0 2.7 V
≤ EVDD0 ≤ 5.5 V
120
120
120
ns
1.8 V
≤ EVDD0 ≤ 5.5 V
200
200
200
ns
1.7 V
≤ EVDD0 ≤ 5.5 V
400
400
400
ns
1.6 V
≤ EVDD0 ≤ 5.5 V
—
400
400
ns
DAPmn = 1 2.7 V
≤ EVDD0 ≤ 5.5 V 1/fMCK + 120
1/fMCK + 120
1/fMCK + 120
ns
1.8 V
≤ EVDD0 ≤ 5.5 V 1/fMCK + 200
1/fMCK + 200
1/fMCK + 200
ns
1.7 V
≤ EVDD0 ≤ 5.5 V 1/fMCK + 400
1/fMCK + 400
1/fMCK + 400
ns
1.6 V
≤ EVDD0 ≤ 5.5 V
—1/fMCK + 400
1/fMCK + 400
ns
SSI00 hold time
tKSSI
DAPmn = 0 2.7 V
≤ EVDD0 ≤ 5.5 V 1/fMCK + 120
1/fMCK + 120
1/fMCK + 120
ns
1.8 V
≤ EVDD0 ≤ 5.5 V 1/fMCK + 200
1/fMCK + 200
1/fMCK + 200
ns
1.7 V
≤ EVDD0 ≤ 5.5 V 1/fMCK + 400
1/fMCK + 400
1/fMCK + 400
ns
1.6 V
≤ EVDD0 ≤ 5.5 V
—1/fMCK + 400
1/fMCK + 400
ns
DAPmn = 1 2.7 V
≤ EVDD0 ≤ 5.5 V
120
120
120
ns
1.8 V
≤ EVDD0 ≤ 5.5 V
200
200
200
ns
1.7 V
≤ EVDD0 ≤ 5.5 V
400
400
400
ns
1.6 V
≤ EVDD0 ≤ 5.5 V
—
400
400
ns
SCKp
SOp
User's device
SCK
SI
SIp
SO
RL78 microcontroller
SCK00
SO00
User's device
SCK
SI
SI00
SO
SSI00
SSO
RL78 microcontroller



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com