Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

R5F104FHD Datasheet(PDF) 8 Page - Renesas Technology Corp

Part # R5F104FHD
Description  True Low Power Platform
PDF  213 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

R5F104FHD Datasheet(HTML) 8 Page - Renesas Technology Corp

Back Button R5F104FHD Datasheet HTML 4Page - Renesas Technology Corp R5F104FHD Datasheet HTML 5Page - Renesas Technology Corp R5F104FHD Datasheet HTML 6Page - Renesas Technology Corp R5F104FHD Datasheet HTML 7Page - Renesas Technology Corp R5F104FHD Datasheet HTML 8Page - Renesas Technology Corp R5F104FHD Datasheet HTML 9Page - Renesas Technology Corp R5F104FHD Datasheet HTML 10Page - Renesas Technology Corp R5F104FHD Datasheet HTML 11Page - Renesas Technology Corp R5F104FHD Datasheet HTML 12Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 213 page
background image
RL78/G14
1. OUTLINE
R01DS0053EJ0330 Rev. 3.30
Page 8 of 208
Aug 12, 2016
Note
For the fields of application, refer to Figure 1 - 1 Part Number, Memory Size, and Package of RL78/G14.
Caution
The ordering part numbers represent the numbers at the time of publication. For the latest ordering part numbers, refer to the
target product page of the Renesas Electronics website.
(5/5)
Pin count
Package
Fields of Application Note
Ordering Part Number
80 pins
80-pin plastic LFQFP
(12
× 12 mm, 0.5 mm pitch)
A
R5F104MFAFB#V0, R5F104MGAFB#V0, R5F104MHAFB#V0, R5F104MJAFB#V0
R5F104MFAFB#X0, R5F104MGAFB#X0, R5F104MHAFB#X0, R5F104MJAFB#X0
R5F104MKAFB#30, R5F104MLAFB#30
R5F104MKAFB#50, R5F104MLAFB#50
D
R5F104MFDFB#V0, R5F104MGDFB#V0, R5F104MHDFB#V0, R5F104MJDFB#V0
R5F104MFDFB#X0, R5F104MGDFB#X0, R5F104MHDFB#X0, R5F104MJDFB#X0
G
R5F104MFGFB#V0, R5F104MGGFB#V0, R5F104MHGFB#V0, R5F104MJGFB#V0
R5F104MFGFB#X0, R5F104MGGFB#X0, R5F104MHGFB#X0, R5F104MJGFB#X0
R5F104MKGFB#30, R5F104MLGFB#30
R5F104MKGFB#X0, R5F104MLGFB#50
80-pin plastic LQFP
(14
× 14 mm, 0.65 mm pitch)
A
R5F104MFAFA#V0, R5F104MGAFA#V0, R5F104MHAFA#V0, R5F104MJAFA#V0
R5F104MFAFA#X0, R5F104MGAFA#X0, R5F104MHAFA#X0, R5F104MJAFA#X0
R5F104MKAFA#30, R5F104MLAFA#30
R5F104MKAFA#50, R5F104MLAFA#50
D
R5F104MFDFA#V0, R5F104MGDFA#V0, R5F104MHDFA#V0, R5F104MJDFA#V0
R5F104MFDFA#X0, R5F104MGDFA#X0, R5F104MHDFA#X0, R5F104MJDFA#X0
G
R5F104MFGFA#V0, R5F104MGGFA#V0, R5F104MHGFA#V0, R5F104MJGFA#V0
R5F104MFGFA#X0, R5F104MGGFA#X0, R5F104MHGFA#X0, R5F104MJGFA#X0
R5F104MKGFA#30, R5F104MLGFA#30
R5F104MKGFA#50, R5F104MLGFA#50
100 pins
100-pin plastic LFQFP
(14
× 14 mm, 0.5 mm pitch)
A
R5F104PFAFB#V0, R5F104PGAFB#V0, R5F104PHAFB#V0, R5F104PJAFB#V0
R5F104PFAFB#X0, R5F104PGAFB#X0, R5F104PHAFB#X0, R5F104PJAFB#X0
R5F104PKAFB#30, R5F104PLAFB#30
R5F104PKAFB#50, R5F104PLAFB#50
D
R5F104PFDFB#V0, R5F104PGDFB#V0, R5F104PHDFB#V0, R5F104PJDFB#V0
R5F104PFDFB#X0, R5F104PGDFB#X0, R5F104PHDFB#X0, R5F104PJDFB#X0
G
R5F104PFGFB#V0, R5F104PGGFB#V0, R5F104PHGFB#V0, R5F104PJGFB#V0
R5F104PFGFB#X0, R5F104PGGFB#X0, R5F104PHGFB#X0, R5F104PJGFB#X0
R5F104PKGFB#30, R5F104PLGFB#30
R5F104PKGFB#50, R5F104PLGFB#50
100-pin plastic LQFP
(14
× 20 mm, 0.65 mm pitch)
A
R5F104PFAFA#V0, R5F104PGAFA#V0, R5F104PHAFA#V0, R5F104PJAFA#V0
R5F104PFAFA#X0, R5F104PGAFA#X0, R5F104PHAFA#X0, R5F104PJAFA#X0
R5F104PKAFA#30, R5F104PLAFA#30
R5F104PKAFA#50, R5F104PLAFA#50
D
R5F104PFDFA#V0, R5F104PGDFA#V0, R5F104PHDFA#V0, R5F104PJDFA#V0
R5F104PFDFA#X0, R5F104PGDFA#X0, R5F104PHDFA#X0, R5F104PJDFA#X0
G
R5F104PFGFA#V0, R5F104PGGFA#V0, R5F104PHGFA#V0, R5F104PJGFA#V0
R5F104PFGFA#X0, R5F104PGGFA#X0, R5F104PHGFA#X0, R5F104PJGFA#X0
R5F104PKGFA#30, R5F104PLGFA#30
R5F104PKGFA#50, R5F104PLGFA#50



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com