Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

R5F104FHD Datasheet(PDF) 57 Page - Renesas Technology Corp

Part # R5F104FHD
Description  True Low Power Platform
PDF  213 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

R5F104FHD Datasheet(HTML) 57 Page - Renesas Technology Corp

Back Button R5F104FHD Datasheet HTML 53Page - Renesas Technology Corp R5F104FHD Datasheet HTML 54Page - Renesas Technology Corp R5F104FHD Datasheet HTML 55Page - Renesas Technology Corp R5F104FHD Datasheet HTML 56Page - Renesas Technology Corp R5F104FHD Datasheet HTML 57Page - Renesas Technology Corp R5F104FHD Datasheet HTML 58Page - Renesas Technology Corp R5F104FHD Datasheet HTML 59Page - Renesas Technology Corp R5F104FHD Datasheet HTML 60Page - Renesas Technology Corp R5F104FHD Datasheet HTML 61Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 57 / 213 page
background image
RL78/G14
2. ELECTRICAL SPECIFICATIONS (TA = -40 to +85
°C)
R01DS0053EJ0330 Rev. 3.30
Page 57 of 208
Aug 12, 2016
2.3
DC Characteristics
2.3.1
Pin characteristics
Note 1.
Value of current at which the device operation is guaranteed even if the current flows from the EVDD0, EVDD1, VDD pins to
an output pin.
Note 2.
Do not exceed the total current value.
Note 3.
Specification under conditions where the duty factor
≤ 70%.
The output current value that has changed to the duty factor
> 70% the duty ratio can be calculated with the following
expression (when changing the duty factor from 70% to n%).
• Total output current of pins = (IOH × 0.7)/(n × 0.01)
<Example>
Where n = 80% and IOH = -10.0 mA
Total output current of pins = (-10.0 × 0.7)/(80 × 0.01)
≈ -8.7 mA
However, the current that is allowed to flow into one pin does not vary depending on the duty factor.
A current higher than the absolute maximum rating must not flow into one pin.
Note 4.
-100 mA for industrial applications (R5F104xxDxx, R5F104xxGxx).
Caution
P00, P02 to P04, P10, P11, P13 to P15, P17, P30, P43 to P45, P50 to P55, P71, P74, P80 to P82, and P142 to P144
do not output high level in N-ch open-drain mode.
Remark
Unless specified otherwise, the characteristics of alternate-function pins are the same as those of the port pins.
(TA = -40 to +85°C, 1.6 V
≤ EVDD0 = EVDD1 ≤ VDD ≤ 5.5 V, VSS = EVSS0 = EVSS1 = 0 V)
Items
Symbol
Conditions
MIN.
TYP.
MAX.
Unit
Output current, high Note 1
IOH1
Per pin for P00 to P06,
P10 to P17, P30, P31,
P40 to P47, P50 to P57,
P64 to P67, P70 to P77,
P80 to P87, P100 to P102, P110,
P111, P120, P130, P140 to P147
1.6 V
≤ EVDD0 ≤ 5.5 V
-10.0
Note 2
mA
Total of P00 to P04, P40 to P47,
P102, P120, P130, P140 to P145
(When duty
≤ 70% Note 3)
4.0 V
≤ EVDD0 ≤ 5.5 V
-55.0
mA
2.7 V
≤ EVDD0 < 4.0 V
-10.0
mA
1.8 V
≤ EVDD0 < 2.7 V
-5.0
mA
1.6 V
≤ EVDD0 < 1.8 V
-2.5
mA
Total of P05, P06, P10 to P17,
P30, P31, P50 to P57,
P64 to P67, P70 to P77,
P80 to P87, P100, P101, P110,
P111, P146, P147
(When duty
≤ 70% Note 3)
4.0 V
≤ EVDD0 ≤ 5.5 V
-80.0
mA
2.7 V
≤ EVDD0 < 4.0 V
-19.0
mA
1.8 V
≤ EVDD0 < 2.7 V
-10.0
mA
1.6 V
≤ EVDD0 < 1.8 V
-5.0
mA
Total of all pins
(When duty
≤ 70% Note 3)
1.6 V
≤ EVDD0 ≤ 5.5 V
-135.0
Note 4
mA
IOH2
Per pin for P20 to P27,
P150 to P156
1.6 V
≤ VDD ≤ 5.5 V
-0.1
Note 2
mA
Total of all pins
(When duty
≤ 70% Note 3)
1.6 V
≤ VDD ≤ 5.5 V
-1.5
mA



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com