Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

R5F104FHD Datasheet(PDF) 40 Page - Renesas Technology Corp

Part # R5F104FHD
Description  True Low Power Platform
PDF  213 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

R5F104FHD Datasheet(HTML) 40 Page - Renesas Technology Corp

Back Button R5F104FHD Datasheet HTML 36Page - Renesas Technology Corp R5F104FHD Datasheet HTML 37Page - Renesas Technology Corp R5F104FHD Datasheet HTML 38Page - Renesas Technology Corp R5F104FHD Datasheet HTML 39Page - Renesas Technology Corp R5F104FHD Datasheet HTML 40Page - Renesas Technology Corp R5F104FHD Datasheet HTML 41Page - Renesas Technology Corp R5F104FHD Datasheet HTML 42Page - Renesas Technology Corp R5F104FHD Datasheet HTML 43Page - Renesas Technology Corp R5F104FHD Datasheet HTML 44Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 40 / 213 page
background image
RL78/G14
1. OUTLINE
R01DS0053EJ0330 Rev. 3.30
Page 40 of 208
Aug 12, 2016
[44-pin, 48-pin, 52-pin, 64-pin products (code flash memory 16 KB to 64 KB)]
Caution
This outline describes the functions at the time when Peripheral I/O redirection register 0, 1
(PIOR0, 1) are set to 00H.
(1/2)
(Note is listed on the next page.)
Item
44-pin
48-pin
52-pin
64-pin
R5F104Fx
(x = A, C to E)
R5F104Gx
(x = A, C to E)
R5F104Jx
(x = C to E)
R5F104Lx
(x = C to E)
Code flash memory (KB)
16 to 64
16 to 64
32 to 64
32 to 64
Data flash memory (KB)
4
4
4
4
RAM (KB)
2.5 to 5.5 Note
2.5 to 5.5 Note
4 to 5.5 Note
4 to 5.5 Note
Address space
1 MB
Main system
clock
High-speed system
clock
X1 (crystal/ceramic) oscillation, external main system clock input (EXCLK)
HS (high-speed main) mode: 1 to 20 MHz (VDD = 2.7 to 5.5 V),
HS (high-speed main) mode: 1 to 16 MHz (VDD = 2.4 to 5.5 V),
LS (low-speed main) mode:
1 to 8 MHz (VDD = 1.8 to 5.5 V),
LV (low-voltage main) mode: 1 to 4 MHz (VDD = 1.6 to 5.5 V)
High-speed on-chip
oscillator clock (fIH)
HS (high-speed main) mode: 1 to 32 MHz (VDD = 2.7 to 5.5 V),
HS (high-speed main) mode: 1 to 16 MHz (VDD = 2.4 to 5.5 V),
LS (low-speed main) mode:
1 to 8 MHz (VDD = 1.8 to 5.5 V),
LV (low-voltage main) mode: 1 to 4 MHz (VDD = 1.6 to 5.5 V)
Subsystem clock
XT1 (crystal) oscillation, external subsystem clock input (EXCLKS) 32.768 kHz
Low-speed on-chip oscillator clock
15 kHz (TYP.): VDD = 1.6 to 5.5 V
General-purpose register
8 bits × 32 registers (8 bits × 8 registers × 4 banks)
Minimum instruction execution time
0.03125
μs (High-speed on-chip oscillator clock: fIH = 32 MHz operation)
0.05
μs (High-speed system clock: fMX = 20 MHz operation)
30.5
μs (Subsystem clock: fSUB = 32.768 kHz operation)
Instruction set
• Data transfer (8/16 bits)
• Adder and subtractor/logical operation (8/16 bits)
• Multiplication (8 bits × 8 bits, 16 bits × 16 bits), Division (16 bits ÷ 16 bits, 32 bits ÷ 32 bits)
• Multiplication and Accumulation (16 bits × 16 bits + 32 bits)
• Rotate, barrel shift, and bit manipulation (Set, reset, test, and Boolean operation), etc.
I/O port
Total
40444858
CMOS I/O
31
34
38
48
CMOS input
5
5
5
5
CMOS output
—
1
1
1
N-ch open-drain I/O
(6 V tolerance)
444
4
Timer
16-bit timer
8 channels
(TAU: 4 channels, Timer RJ: 1 channel, Timer RD: 2 channels, Timer RG: 1 channel)
Watchdog timer
1 channel
Real-time clock
(RTC)
1 channel
12-bit interval timer
1 channel
Timer output
Timer outputs: 13 channels
PWM outputs: 9 channels
RTC output
1
• 1 Hz (subsystem clock: fSUB = 32.768 kHz)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com