Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

R5F104FHD Datasheet(PDF) 74 Page - Renesas Technology Corp

Part # R5F104FHD
Description  True Low Power Platform
PDF  213 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

R5F104FHD Datasheet(HTML) 74 Page - Renesas Technology Corp

Back Button R5F104FHD Datasheet HTML 70Page - Renesas Technology Corp R5F104FHD Datasheet HTML 71Page - Renesas Technology Corp R5F104FHD Datasheet HTML 72Page - Renesas Technology Corp R5F104FHD Datasheet HTML 73Page - Renesas Technology Corp R5F104FHD Datasheet HTML 74Page - Renesas Technology Corp R5F104FHD Datasheet HTML 75Page - Renesas Technology Corp R5F104FHD Datasheet HTML 76Page - Renesas Technology Corp R5F104FHD Datasheet HTML 77Page - Renesas Technology Corp R5F104FHD Datasheet HTML 78Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 74 / 213 page
background image
RL78/G14
2. ELECTRICAL SPECIFICATIONS (TA = -40 to +85
°C)
R01DS0053EJ0330 Rev. 3.30
Page 74 of 208
Aug 12, 2016
Note 1.
Current flowing to VDD.
Note 2.
When high speed on-chip oscillator and high-speed system clock are stopped.
Note 3.
Current flowing only to the real-time clock (RTC) (excluding the operating current of the low-speed on-chip oscillator and
the XT1 oscillator). The supply current of the RL78 microcontrollers is the sum of the values of either IDD1 or IDD2, and
IRTC, when the real-time clock operates in operation mode or HALT mode. When the low-speed on-chip oscillator is
selected, IFIL should be added. IDD2 subsystem clock operation includes the operational current of the real-time clock.
Note 4.
Current flowing only to the 12-bit interval timer (excluding the operating current of the low-speed on-chip oscillator and
the XT1 oscillator). The supply current of the RL78 microcontrollers is the sum of the values of either IDD1 or IDD2, and IIT,
when the 12-bit interval timer operates in operation mode or HALT mode. When the low-speed on-chip oscillator is
selected, IFIL should be added.
(4)
Peripheral Functions (Common to all products)
(TA = -40 to +85°C, 1.6 V
≤ EVDD0 = EVDD1 ≤ VDD ≤ 5.5 V, VSS = EVSS0 = EVSS1 = 0 V)
Parameter
Symbol
Conditions
MIN.
TYP.
MAX.
Unit
Low-speed on-chip oscilla-
tor operating current
IFIL Note 1
0.20
μA
RTC operating current
IRTC Notes 1, 2, 3
0.02
μA
12-bit interval timer operat-
ing current
IIT Notes 1, 2, 4
0.02
μA
Watchdog timer operating
current
IWDT Notes 1, 2, 5
fIL = 15 kHz
0.22
μA
A/D converter operating cur-
rent
IADC Notes 1, 6
When conversion at maximum
speed
Normal mode,
AVREFP = VDD = 5.0 V
1.3
1.7
mA
Low voltage mode,
AVREFP = VDD = 3.0 V
0.5
0.7
mA
A/D converter reference
voltage current
IADREF Note 1
75.0
μA
Temperature sensor operat-
ing current
ITMPS Note 1
75.0
μA
D/A converter operating cur-
rent
IDAC Notes 1, 11, 13 Per D/A converter channel
1.5
mA
Comparator operating cur-
rent
ICMP Notes 1, 12, 13 VDD = 5.0 V,
Regulator output voltage = 2.1 V
Window mode
12.5
μA
Comparator high-speed mode
6.5
μA
Comparator low-speed mode
1.7
μA
VDD = 5.0 V,
Regulator output voltage = 1.8 V
Window mode
8.0
μA
Comparator high-speed mode
4.0
μA
Comparator low-speed mode
1.3
μA
LVD operating current
ILVD Notes 1, 7
0.08
μA
Self-programming operat-
ing current
IFSP Notes 1, 9
2.50
12.20
mA
BGO operating current
IBGO Notes 1, 8
2.50
12.20
mA
SNOOZE operating current
ISNOZ Note 1
ADC operation
The mode is performed Note 10
0.50
0.60
mA
The A/D conversion opera-
tions are performed, Low volt-
age mode,
AVREFP = VDD = 3.0 V
1.20
1.44
CSI/UART operation
0.70
0.84
DTC operation
3.10



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com