Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

R5F104FHD Datasheet(PDF) 113 Page - Renesas Technology Corp

Part # R5F104FHD
Description  True Low Power Platform
PDF  213 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

R5F104FHD Datasheet(HTML) 113 Page - Renesas Technology Corp

Back Button R5F104FHD Datasheet HTML 109Page - Renesas Technology Corp R5F104FHD Datasheet HTML 110Page - Renesas Technology Corp R5F104FHD Datasheet HTML 111Page - Renesas Technology Corp R5F104FHD Datasheet HTML 112Page - Renesas Technology Corp R5F104FHD Datasheet HTML 113Page - Renesas Technology Corp R5F104FHD Datasheet HTML 114Page - Renesas Technology Corp R5F104FHD Datasheet HTML 115Page - Renesas Technology Corp R5F104FHD Datasheet HTML 116Page - Renesas Technology Corp R5F104FHD Datasheet HTML 117Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 113 / 213 page
background image
RL78/G14
2. ELECTRICAL SPECIFICATIONS (TA = -40 to +85
°C)
R01DS0053EJ0330 Rev. 3.30
Page 113 of 208
Aug 12, 2016
Note 1.
The first clock pulse is generated after this period when the start/restart condition is detected.
Note 2.
The maximum value (MAX.) of tHD: DAT is during normal transfer and a wait state is inserted in the ACK (acknowledge)
timing.
Caution
The values in the above table are applied even when bit 2 (PIOR02) in the peripheral I/O redirection register 0
(PIOR0) is 1. At this time, the pin characteristics (IOH1, IOL1, VOH1, VOL1) must satisfy the values in the redirect
destination.
Remark
The maximum value of Cb (communication line capacitance) and the value of Rb (communication line pull-up resistor) at
that time in each mode are as follows.
Fast mode: Cb = 320 pF, Rb = 1.1 k
Ω
(2)
I2C fast mode
(TA = -40 to +85°C, 1.6 V
≤ EVDD0 = EVDD1 ≤ VDD ≤ 5.5 V, VSS = EVSS0 = EVSS1 = 0 V)
Parameter
Symbol
Conditions
HS (high-speed
main) mode
LS (low-speed
main) mode
LV (low-voltage
main) mode
Unit
MIN.
MAX.
MIN.
MAX.
MIN.
MAX.
SCLA0 clock frequency
fSCL
Fast mode:
fCLK
≥ 3.5 MHz
2.7 V
≤ EVDD0 ≤ 5.5 V
0
400
0
400
0
400
kHz
1.8 V
≤ EVDD0 ≤ 5.5 V
0
400
0
400
0
400
kHz
Setup time of restart condi-
tion
tSU: STA
2.7 V
≤ EVDD0 ≤ 5.5 V
0.6
0.6
0.6
μs
1.8 V
≤ EVDD0 ≤ 5.5 V
0.6
0.6
0.6
μs
Hold time Note 1
tHD: STA
2.7 V
≤ EVDD0 ≤ 5.5 V
0.6
0.6
0.6
μs
1.8 V
≤ EVDD0 ≤ 5.5 V
0.6
0.6
0.6
μs
Hold time when SCLA0 = “L” tLOW
2.7 V
≤ EVDD0 ≤ 5.5 V
1.3
1.3
1.3
μs
1.8 V
≤ EVDD0 ≤ 5.5 V
1.3
1.3
1.3
μs
Hold time when SCLA0 = “H” tHIGH
2.7 V
≤ EVDD0 ≤ 5.5 V
0.6
0.6
0.6
μs
1.8 V
≤ EVDD0 ≤ 5.5 V
0.6
0.6
0.6
μs
Data setup time (reception)
tSU: DAT
2.7 V
≤ EVDD0 ≤ 5.5 V
100
100
100
ns
1.8 V
≤ EVDD0 ≤ 5.5 V
100
100
100
ns
Data hold time (transmission)
Note 2
tHD: DAT
2.7 V
≤ EVDD0 ≤ 5.5 V
0
0.9
0
0.9
0
0.9
μs
1.8 V
≤ EVDD0 ≤ 5.5 V
0
0.9
0
0.9
0
0.9
μs
Setup time of stop condition
tSU: STO
2.7 V
≤ EVDD0 ≤ 5.5 V
0.6
0.6
0.6
μs
1.8 V
≤ EVDD0 ≤ 5.5 V
0.6
0.6
0.6
μs
Bus-free time
tBUF
2.7 V
≤ EVDD0 ≤ 5.5 V
1.3
1.3
1.3
μs
1.8 V
≤ EVDD0 ≤ 5.5 V
1.3
1.3
1.3
μs



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com