Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

R5F104FHD Datasheet(PDF) 149 Page - Renesas Technology Corp

Part # R5F104FHD
Description  True Low Power Platform
PDF  213 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

R5F104FHD Datasheet(HTML) 149 Page - Renesas Technology Corp

Back Button R5F104FHD Datasheet HTML 145Page - Renesas Technology Corp R5F104FHD Datasheet HTML 146Page - Renesas Technology Corp R5F104FHD Datasheet HTML 147Page - Renesas Technology Corp R5F104FHD Datasheet HTML 148Page - Renesas Technology Corp R5F104FHD Datasheet HTML 149Page - Renesas Technology Corp R5F104FHD Datasheet HTML 150Page - Renesas Technology Corp R5F104FHD Datasheet HTML 151Page - Renesas Technology Corp R5F104FHD Datasheet HTML 152Page - Renesas Technology Corp R5F104FHD Datasheet HTML 153Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 149 / 213 page
background image
RL78/G14
3. ELECTRICAL SPECIFICATIONS (G: INDUSTRIAL APPLICATIONS TA = -40 to +105
°C)
R01DS0053EJ0330 Rev. 3.30
Page 149 of 208
Aug 12, 2016
3.4
AC Characteristics
Note
The following conditions are required for low voltage interface when EVDD0 < VDD
2.4 V
≤ EVDD0 < 2.7 V: MIN. 125 ns
Remark
fMCK: Timer array unit operation clock frequency
(Operation clock to be set by the CKSmn bit of timer mode register mn (TMRmn). m: Unit number (m = 0, 1), n: Channel
number (n = 0 to 3))
(TA = -40 to +105°C, 2.4 V
≤ EVDD0 = EVDD1 ≤ VDD ≤ 5.5 V, VSS = EVSS0 = EVSS1 = 0 V)
Items
Symbol
Conditions
MIN.
TYP. MAX.
Unit
Instruction cycle (min-
imum instruction exe-
cution time)
TCY
Main system
clock (fMAIN)
operation
HS (high-speed main)
mode
2.7 V
≤ VDD ≤ 5.5 V
0.03125
1
μs
2.4 V
≤ VDD < 2.7 V
0.0625
1
μs
Subsystem clock (fSUB) operation
2.4 V
≤ VDD ≤ 5.5 V
28.5
30.5
31.3
μs
In the self-
program-
ming mode
HS (high-speed main)
mode
2.7 V
≤ VDD ≤ 5.5 V
0.03125
1
μs
2.4 V
≤ VDD < 2.7 V
0.0625
1
μs
External system clock
frequency
fEX
2.7 V
≤ VDD ≤ 5.5 V
1.0
20.0
MHz
2.4 V
≤ VDD ≤ 2.7 V
1.0
16.0
MHz
fEXS
32
35
kHz
External system clock
input high-level width,
low-level width
tEXH,
tEXL
2.7 V
≤ VDD ≤ 5.5 V
24
ns
2.4 V
≤ VDD ≤ 2.7 V
30
ns
tEXHS,
tEXLS
13.7
μs
TI00 to TI03, TI10 to
TI13 input high-level
width, low-level width
tTIH, tTIL
1/fMCK + 10
Note
ns
Timer RJ input cycle
fC
TRJIO
2.7 V
≤ EVDD0 ≤ 5.5 V
100
ns
2.4 V
≤ EVDD0 < 2.7 V
300
ns
Timer RJ input high-
level width, low-level
width
tTJIH,
tTJIL
TRJIO
2.7 V
≤ EVDD0 ≤ 5.5 V
40
ns
2.4 V
≤ EVDD0 < 2.7 V
120
ns



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com