Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

R5F104FHD Datasheet(PDF) 155 Page - Renesas Technology Corp

Part # R5F104FHD
Description  True Low Power Platform
PDF  213 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

R5F104FHD Datasheet(HTML) 155 Page - Renesas Technology Corp

Back Button R5F104FHD Datasheet HTML 151Page - Renesas Technology Corp R5F104FHD Datasheet HTML 152Page - Renesas Technology Corp R5F104FHD Datasheet HTML 153Page - Renesas Technology Corp R5F104FHD Datasheet HTML 154Page - Renesas Technology Corp R5F104FHD Datasheet HTML 155Page - Renesas Technology Corp R5F104FHD Datasheet HTML 156Page - Renesas Technology Corp R5F104FHD Datasheet HTML 157Page - Renesas Technology Corp R5F104FHD Datasheet HTML 158Page - Renesas Technology Corp R5F104FHD Datasheet HTML 159Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 155 / 213 page
background image
RL78/G14
3. ELECTRICAL SPECIFICATIONS (G: INDUSTRIAL APPLICATIONS TA = -40 to +105
°C)
R01DS0053EJ0330 Rev. 3.30
Page 155 of 208
Aug 12, 2016
3.5
Peripheral Functions Characteristics
AC Timing Test Points
3.5.1
Serial array unit
Note 1.
Transfer rate in the SNOOZE mode is 4800 bps only.
However, the SNOOZE mode cannot be used when FRQSEL4 = 1.
Note 2.
The following conditions are required for low voltage interface when EVDD0
< VDD.
2.4 V
≤ EVDD0 < 2.7 V: MAX. 1.3 Mbps
Note 3.
The maximum operating frequencies of the CPU/peripheral hardware clock (fCLK) are:
HS (high-speed main) mode:
32 MHz (2.7 V
≤ VDD ≤ 5.5 V)
16 MHz (2.4 V
≤ VDD ≤ 5.5 V)
Caution
Select the normal input buffer for the RxDq pin and the normal output mode for the TxDq pin by using port input
mode register g (PIMg) and port output mode register g (POMg).
UART mode connection diagram (during communication at same potential)
UART mode bit width (during communication at same potential) (reference)
Remark 1.
q: UART number (q = 0 to 3), g: PIM and POM number (g = 0, 1, 5, 14)
Remark 2.
fMCK: Serial array unit operation clock frequency
(Operation clock to be set by the CKSmn bit of serial mode register mn (SMRmn). m: Unit number,
n: Channel number (mn = 00 to 03, 10 to 13))
(1)
During communication at same potential (UART mode)
(TA = -40 to +105°C, 2.4 V
≤ EVDD0 = EVDD1 ≤ 5.5 V, VSS = EVSS0 = EVSS1 = 0 V)
Parameter
Symbol
Conditions
HS (high-speed main) Mode
Unit
MIN.
MAX.
Transfer rate Note 1
2.4 V
≤ EVDD0 ≤ 5.5 V
fMCK/12 Note 2
bps
Theoretical value of the maximum transfer rate
fMCK = fCLK Note 3
2.6
Mbps
VIH/VOH
VIL/VOL
VIH/VOH
Test points
VIL/VOL
RL78 microcontroller
TxDq
RxDq
User’s device
Rx
Tx
Baud rate error tolerance
TxDq
RxDq
High-/Low-bit width
1/Transfer rate



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com