Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

R5F104FHD Datasheet(PDF) 164 Page - Renesas Technology Corp

Part # R5F104FHD
Description  True Low Power Platform
PDF  213 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

R5F104FHD Datasheet(HTML) 164 Page - Renesas Technology Corp

Back Button R5F104FHD Datasheet HTML 160Page - Renesas Technology Corp R5F104FHD Datasheet HTML 161Page - Renesas Technology Corp R5F104FHD Datasheet HTML 162Page - Renesas Technology Corp R5F104FHD Datasheet HTML 163Page - Renesas Technology Corp R5F104FHD Datasheet HTML 164Page - Renesas Technology Corp R5F104FHD Datasheet HTML 165Page - Renesas Technology Corp R5F104FHD Datasheet HTML 166Page - Renesas Technology Corp R5F104FHD Datasheet HTML 167Page - Renesas Technology Corp R5F104FHD Datasheet HTML 168Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 164 / 213 page
background image
RL78/G14
3. ELECTRICAL SPECIFICATIONS (G: INDUSTRIAL APPLICATIONS TA = -40 to +105
°C)
R01DS0053EJ0330 Rev. 3.30
Page 164 of 208
Aug 12, 2016
Note 5.
The smaller maximum transfer rate derived by using fMCK/12 or the following expression is the valid maximum transfer
rate.
Expression for calculating the transfer rate when 2.4 V
≤ EVDD0 < 3.3 V and 1.6 V ≤ Vb ≤ 2.0 V
Note 6.
This value as an example is calculated when the conditions described in the “Conditions” column are met.
Refer to Note 5 above to calculate the maximum transfer rate under conditions of the customer.
Caution
Select the TTL input buffer for the RxDq pin and the N-ch open drain output (VDD tolerance (for the 30- to 52-pin
products)/EVDD tolerance (for the 64- to 100-pin products)) mode for the TxDq pin by using port input mode
register g (PIMg) and port output mode register g (POMg). For VIH and VIL, see the DC characteristics with TTL
input buffer selected.
(Remarks are listed on the next page.)
Maximum transfer rate =
1
[bps]
Baud rate error (theoretical value) =
1
Transfer rate
× 2
-
{-Cb
× Rb × In (1 -
)}
× 3
1.5
Vb
{-Cb
× Rb × In (1 -
)}
1.5
Vb
(
)
× Number of transferred bits
1
Transfer rate
× 100 [%]
* This value is the theoretical value of the relative difference between the transmission and reception sides.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com