Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

R5F104FHD Datasheet(PDF) 177 Page - Renesas Technology Corp

Part # R5F104FHD
Description  True Low Power Platform
PDF  213 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

R5F104FHD Datasheet(HTML) 177 Page - Renesas Technology Corp

Back Button R5F104FHD Datasheet HTML 173Page - Renesas Technology Corp R5F104FHD Datasheet HTML 174Page - Renesas Technology Corp R5F104FHD Datasheet HTML 175Page - Renesas Technology Corp R5F104FHD Datasheet HTML 176Page - Renesas Technology Corp R5F104FHD Datasheet HTML 177Page - Renesas Technology Corp R5F104FHD Datasheet HTML 178Page - Renesas Technology Corp R5F104FHD Datasheet HTML 179Page - Renesas Technology Corp R5F104FHD Datasheet HTML 180Page - Renesas Technology Corp R5F104FHD Datasheet HTML 181Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 177 / 213 page
background image
RL78/G14
3. ELECTRICAL SPECIFICATIONS (G: INDUSTRIAL APPLICATIONS TA = -40 to +105
°C)
R01DS0053EJ0330 Rev. 3.30
Page 177 of 208
Aug 12, 2016
3.5.2
Serial interface IICA
Note 1.
The first clock pulse is generated after this period when the start/restart condition is detected.
Note 2.
The maximum value (MAX.) of tHD: DAT is during normal transfer and a wait state is inserted in the ACK (acknowledge)
timing.
Caution
The values in the above table are applied even when bit 2 (PIOR02) in the peripheral I/O redirection register 0
(PIOR0) is 1. At this time, the pin characteristics (IOH1, IOL1, VOH1, VOL1) must satisfy the values in the redirect
destination.
Remark
The maximum value of Cb (communication line capacitance) and the value of Rb (communication line pull-up resistor) at
that time in each mode are as follows.
Standard mode:
Cb = 400 pF, Rb = 2.7 k
Ω
Fast mode:
Cb = 320 pF, Rb = 1.1 k
Ω
IICA serial transfer timing
Remark
n = 0, 1
(TA = -40 to +105°C, 2.4 V
≤ EVDD0 = EVDD1 ≤ VDD ≤ 5.5 V, VSS = EVSS0 = EVSS1 = 0 V)
Parameter
Symbol
Conditions
HS (high-speed main) mode
Unit
Standard mode
Fast mode
MIN.
MAX.
MIN.
MAX.
SCLA0 clock frequency
fSCL
Fast mode: fCLK
≥ 3.5 MHz
—
—
0
400
kHz
Standard mode: fCLK
≥ 1 MHz
0
100
—
—
kHz
Setup time of restart condition
tSU: STA
4.7
0.6
μs
Hold time Note 1
tHD: STA
4.0
0.6
μs
Hold time when SCLA0 = “L”
tLOW
4.7
1.3
μs
Hold time when SCLA0 = “H”
tHIGH
4.0
0.6
μs
Data setup time (reception)
tSU: DAT
250
100
ns
Data hold time (transmission) Note 2
tHD: DAT
03.45
0
0.9
μs
Setup time of stop condition
tSU: STO
4.0
0.6
μs
Bus-free time
tBUF
4.7
1.3
μs
tSU: DAT
tHD: STA
Restart
condition
SCLAn
SDAAn
tLOW
tHIGH
tSU: STA
tHD: STA
tSU: STO
Stop
condition
Stop
condition
Start
condition
tHD: DAT
tBUF



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com