Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

R5F104FHD Datasheet(PDF) 184 Page - Renesas Technology Corp

Part # R5F104FHD
Description  True Low Power Platform
PDF  213 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

R5F104FHD Datasheet(HTML) 184 Page - Renesas Technology Corp

Back Button R5F104FHD Datasheet HTML 180Page - Renesas Technology Corp R5F104FHD Datasheet HTML 181Page - Renesas Technology Corp R5F104FHD Datasheet HTML 182Page - Renesas Technology Corp R5F104FHD Datasheet HTML 183Page - Renesas Technology Corp R5F104FHD Datasheet HTML 184Page - Renesas Technology Corp R5F104FHD Datasheet HTML 185Page - Renesas Technology Corp R5F104FHD Datasheet HTML 186Page - Renesas Technology Corp R5F104FHD Datasheet HTML 187Page - Renesas Technology Corp R5F104FHD Datasheet HTML 188Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 184 / 213 page
background image
RL78/G14
3. ELECTRICAL SPECIFICATIONS (G: INDUSTRIAL APPLICATIONS TA = -40 to +105
°C)
R01DS0053EJ0330 Rev. 3.30
Page 184 of 208
Aug 12, 2016
3.6.6
LVD circuit characteristics
(1)
Reset Mode and Interrupt Mode
(TA = -40 to +105°C, VPDR
≤ VDD ≤ 5.5 V, VSS = 0 V)
Parameter
Symbol
Conditions
MIN.
TYP.
MAX.
Unit
Voltage detection
threshold
Supply voltage level
VLVD0
Rising edge
3.90
4.06
4.22
V
Falling edge
3.83
3.98
4.13
V
VLVD1
Rising edge
3.60
3.75
3.90
V
Falling edge
3.53
3.67
3.81
V
VLVD2
Rising edge
3.01
3.13
3.25
V
Falling edge
2.94
3.06
3.18
V
VLVD3
Rising edge
2.90
3.02
3.14
V
Falling edge
2.85
2.96
3.07
V
VLVD4
Rising edge
2.81
2.92
3.03
V
Falling edge
2.75
2.86
2.97
V
VLVD5
Rising edge
2.70
2.81
2.92
V
Falling edge
2.64
2.75
2.86
V
VLVD6
Rising edge
2.61
2.71
2.81
V
Falling edge
2.55
2.65
2.75
V
VLVD7
Rising edge
2.51
2.61
2.71
V
Falling edge
2.45
2.55
2.65
V
Minimum pulse width
tLW
300
μs
Detection delay time
300
μs



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com