Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

R5F104FHD Datasheet(PDF) 190 Page - Renesas Technology Corp

Part # R5F104FHD
Description  True Low Power Platform
PDF  213 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

R5F104FHD Datasheet(HTML) 190 Page - Renesas Technology Corp

Back Button R5F104FHD Datasheet HTML 186Page - Renesas Technology Corp R5F104FHD Datasheet HTML 187Page - Renesas Technology Corp R5F104FHD Datasheet HTML 188Page - Renesas Technology Corp R5F104FHD Datasheet HTML 189Page - Renesas Technology Corp R5F104FHD Datasheet HTML 190Page - Renesas Technology Corp R5F104FHD Datasheet HTML 191Page - Renesas Technology Corp R5F104FHD Datasheet HTML 192Page - Renesas Technology Corp R5F104FHD Datasheet HTML 193Page - Renesas Technology Corp R5F104FHD Datasheet HTML 194Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 190 / 213 page
background image
RL78/G14
4. PACKAGE DRAWINGS
R01DS0053EJ0330 Rev. 3.30
Page 190 of 208
Aug 12, 2016
R5F104BAAFP, R5F104BCAFP, R5F104BDAFP, R5F104BEAFP, R5F104BFAFP, R5F104BGAFP
R5F104BADFP, R5F104BCDFP, R5F104BDDFP, R5F104BEDFP, R5F104BFDFP, R5F104BGDFP
R5F104BAGFP, R5F104BCGFP, R5F104BDGFP, R5F104BEGFP, R5F104BFGFP, R5F104BGGFP
2012 Renesas Electronics Corporation. All rights reserved.
0.145
±0.055
(UNIT:mm)
ITEM
DIMENSIONS
D
E
HD
HE
A
A1
A2
7.00
±0.10
7.00
±0.10
9.00
±0.20
9.00
±0.20
1.70 MAX.
0.10
±0.10
1.40
c
θ
e
x
y
0.80
0.20
0.10
L
0.50
±0.20
0
° to 8°
0.37
±0.05
b
NOTE
1.Dimensions “
1” and “
2” do not include mold flash.
2.Dimension “
3” does not include trim offset.
y
e
x
b
M
θ
L
c
HD
HE
A1
A2
A
D
E
detail of lead end
8
16
1
32
9
17
25
24
2
1
3
JEITA Package Code
RENESAS Code
Previous Code
MASS (TYP.) [g]
P-LQFP32-7x7-0.80
PLQP0032GB-A
P32GA-80-GBT-1
0.2



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com