Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

R5F104FHD Datasheet(PDF) 202 Page - Renesas Technology Corp

Part # R5F104FHD
Description  True Low Power Platform
PDF  213 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

R5F104FHD Datasheet(HTML) 202 Page - Renesas Technology Corp

Back Button R5F104FHD Datasheet HTML 198Page - Renesas Technology Corp R5F104FHD Datasheet HTML 199Page - Renesas Technology Corp R5F104FHD Datasheet HTML 200Page - Renesas Technology Corp R5F104FHD Datasheet HTML 201Page - Renesas Technology Corp R5F104FHD Datasheet HTML 202Page - Renesas Technology Corp R5F104FHD Datasheet HTML 203Page - Renesas Technology Corp R5F104FHD Datasheet HTML 204Page - Renesas Technology Corp R5F104FHD Datasheet HTML 205Page - Renesas Technology Corp R5F104FHD Datasheet HTML 206Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 202 / 213 page
background image
RL78/G14
4. PACKAGE DRAWINGS
R01DS0053EJ0330 Rev. 3.30
Page 202 of 208
Aug 12, 2016
R5F104LCAFP, R5F104LDAFP, R5F104LEAFP, R5F104LFAFP, R5F104LGAFP, R5F104LHAFP, R5F104LJAFP
R5F104LCDFP, R5F104LDDFP, R5F104LEDFP, R5F104LFDFP, R5F104LGDFP, R5F104LHDFP, R5F104LJDFP
R5F104LCGFP, R5F104LDGFP, R5F104LEGFP, R5F104LFGFP, R5F104LGGFP, R5F104LHGFP, R5F104LJGFP
y
e
x
b
M
HD
HE
A1
A2
A
D
E
0.125
(UNIT:mm)
ITEM
DIMENSIONS
D
E
HD
HE
A
A1
A2
14.00
±0.10
14.00
±0.10
16.00
±0.20
16.00
±0.20
1.70 MAX.
0.10
±0.10
1.40
c
θ
L
0.50
±0.20
0
° to 8°
detail of lead end
0.37
b
16
32
1
64
17
33
49
48
2
1
3
2012 Renesas Electronics Corporation. All rights reserved.
−0.02
+0.05
−0.05
+0.08
θ
L
c
NOTE
1.Dimensions “
1” and “
2” do not include mold flash.
2.Dimension “
3” does not include trim offset.
JEITA Package Code
RENESAS Code
Previous Code
MASS (TYP.) [g]
P-LQFP64-14x14-0.80
PLQP0064GA-A
P64GC-80-GBW-1
0.7
0.80
0.20
0.10
e
x
y



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com