Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

R5F104FHD Datasheet(PDF) 210 Page - Renesas Technology Corp

Part # R5F104FHD
Description  True Low Power Platform
PDF  213 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

R5F104FHD Datasheet(HTML) 210 Page - Renesas Technology Corp

Back Button R5F104FHD Datasheet HTML 205Page - Renesas Technology Corp R5F104FHD Datasheet HTML 206Page - Renesas Technology Corp R5F104FHD Datasheet HTML 207Page - Renesas Technology Corp R5F104FHD Datasheet HTML 208Page - Renesas Technology Corp R5F104FHD Datasheet HTML 209Page - Renesas Technology Corp R5F104FHD Datasheet HTML 210Page - Renesas Technology Corp R5F104FHD Datasheet HTML 211Page - Renesas Technology Corp R5F104FHD Datasheet HTML 212Page - Renesas Technology Corp R5F104FHD Datasheet HTML 213Page - Renesas Technology Corp  
Zoom Inzoom in Zoom Outzoom out
 210 / 213 page
background image
REVISION HISTORY
RL78/G14 Datasheet
C - 2
2.00
Oct 25, 2013
112 to 169 Addition of CHAPTER 3 ELECTRICAL SPECIFICATIONS
171 to 187 Modification of 4.1 30-pin products to 4.10 100-pin products
3.00
Feb 07, 2014
All
Addition of products with maximum 512 KB flash ROM and 48 KB RAM
1
Modification of 1.1 Features
2
Modification of ROM, RAM capacities and addition of note 3
3
Modification of Figure 1 - 1 Part Number, Memory Size, and Package of
RL78/G14
6 to 8
Addition of part number
15, 16
Modification of 1.3.6 48-pin products
17
Modification of 1.3.7 52-pin products
18, 19
Modification of 1.3.8 64-pin products
20
Modification of 1.3.9 80-pin products
21, 22
Modification of 1.3.10 100-pin products
35, 37, 39,
41, 43, 45,
47
Modification of operating ambient temperature in 1.6 Outline of Functions
42, 43
Addition of table of 48-pin, 52-pin, 64-pin products (code flash memory 384 KB to
512 KB)
46, 47
Addition of table of 80-pin, 100-pin products (code flash memory 384 KB to 512
KB)
65 to 68
Addition of (3) Flash ROM: 384 to 512 KB of 48- to 100-pin products
118
Modification of 2.7 Data Memory Retention Characteristics
137 to 140 Addition of (3) Flash ROM: 384 to 512 KB of 48- to 100-pin products
180
Modification of 3.7 Data Memory Retention Characteristics
189, 190
Addition and modification of 4.6 48-pin products
191
Modification of 4.7 52-pin products
193 to 195 Addition and modification of 4.8 64-pin products
198, 199
Addition and modification of 4.9 80-pin products
201, 202
Addition and modification of 4.10 100-pin products
3.20
Jan 05, 2015
p.2
Deletion of R5F104JK and R5F104JL from the list of ROM and RAM capacities
and modification of note
p.6
Deletion of ordering part numbers of R5F104JK and R5F104JL from 52-pin
plastic LQFP package in 1.2 Ordering Information
p.6 to 8
Deletion of note 2 in 1.2 Ordering Information
p.17
Deletion of note 2 in 1.3.7 52-pin products
p.36, 39,
42, 45, 48,
50, 52
Modification of description in 1.6 Outline of Functions
p.46, 48
Deletion of description of 52-pin in 1.6 Outline of Functions
p.47
Modification of note of 1.6 Outline of Functions
p.62, 64,
66, 68, 70,
72
Modification of specifications in 2.3.2 Supply current characteristics
Rev.
Date
Description
Page
Summary



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com