Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

WM9705 Datasheet(PDF) 41 Page - Wolfson Microelectronics plc

Part # WM9705
Description  Multimedia AC97 CODEC with Integrated Touch Screen Controller
PDF  55 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WOLFSON [Wolfson Microelectronics plc]
Direct Link  http://www.wolfsonmicro.com
Logo WOLFSON - Wolfson Microelectronics plc

WM9705 Datasheet(HTML) 41 Page - Wolfson Microelectronics plc

Back Button WM9705 Datasheet HTML 37Page - Wolfson Microelectronics plc WM9705 Datasheet HTML 38Page - Wolfson Microelectronics plc WM9705 Datasheet HTML 39Page - Wolfson Microelectronics plc WM9705 Datasheet HTML 40Page - Wolfson Microelectronics plc WM9705 Datasheet HTML 41Page - Wolfson Microelectronics plc WM9705 Datasheet HTML 42Page - Wolfson Microelectronics plc WM9705 Datasheet HTML 43Page - Wolfson Microelectronics plc WM9705 Datasheet HTML 44Page - Wolfson Microelectronics plc WM9705 Datasheet HTML 45Page - Wolfson Microelectronics plc Next Button
Zoom Inzoom in Zoom Outzoom out
 41 / 55 page
background image
WM9705
Production Data
w
PD Rev 4.0 December 2003
41
TIMING OF PEN DIGITISER OPERATIONS
Timing of pen digitiser operations is linked to the AC link frame timing. A single ADC conversion
takes one frame to complete, including taking a sample, converting it, and passing it into the
register ready to be read back. This therefore allows a maximum conversion rate of 48ks/s, but in
practise to allow time for screen plates to settle etc, much lower rates of conversion are
anticipated.
The ADC is powered up only for the duration of each conversion, therefore power consumption is
a linear function of the conversion rate chosen.
CONTROL OF PEN DIGITISER FUNCTIONS
Control of the digitiser functions is via control bits written into control registers via the AC link. The
following table shows the name, function and location of the control bits for the pen digitser
section of the WM9705. Address locations are chosen to avoid unexpected corruption of normal
AC’97 audio codec operation, using mostly vendor specific addresses from the AC’97 adddress
map.
Reg Name
D15
D14
D13
D12
D11
D10
D9
D8
D7
D6
D5
D4
D3
D2
D1
D0
Default
76h
Digitizer control
POLL ADR2 ADR1 ADR0 COO
CTC
CR1
CR0
DEL3 DEL2 DEL1 DEL0 SLEN SLT2 SLT1
SLT0
0006h
78h
Digitizer control
PRP1 PRP0
RPR PDEN PINV BSEN BINV WAIT
PIL
PHIZ MSK1 MSK0 PDD3 PDD2 PDD1 PDD0
0000h
7Ah
Pen Digitizer data
PNDN ADR2 ADR1 ADR0
D11
D10
D9
D8
D7
D6
D5
D4
D3
D2
D1
D0
0000h
INDEX 76H – DIGITISER CONTROL WORD 1 – READ/WRITE REGISTER
BIT
LOCATION
FUNCTION
POLL
15
Starts a single polled conversion (resets itself at completion)
ADR[2-0]
14-12
Sets the address of the single conversion in polled mode, or extra conversions in Co-
ordinate or Continuous mode. See Table 24.
COO
11
Selects a co-ordinate set of conversions
CTC
10
Starts continuous conversion operation
CR[1-0]
9,8
Sets continuous conversion rate
DEL[3-0]
7-4
Sets the delay between screen being driven and X or Y sample being taken
SLEN
3
Slot enable bit; allows conversion results to be output onto chosen slot
SLT[2-0]
2-0
Slot select bits; choose which slot to output data results in



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com