Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

WM9705 Datasheet(PDF) 32 Page - Wolfson Microelectronics plc

Part # WM9705
Description  Multimedia AC97 CODEC with Integrated Touch Screen Controller
PDF  55 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WOLFSON [Wolfson Microelectronics plc]
Direct Link  http://www.wolfsonmicro.com
Logo WOLFSON - Wolfson Microelectronics plc

WM9705 Datasheet(HTML) 32 Page - Wolfson Microelectronics plc

Back Button WM9705 Datasheet HTML 28Page - Wolfson Microelectronics plc WM9705 Datasheet HTML 29Page - Wolfson Microelectronics plc WM9705 Datasheet HTML 30Page - Wolfson Microelectronics plc WM9705 Datasheet HTML 31Page - Wolfson Microelectronics plc WM9705 Datasheet HTML 32Page - Wolfson Microelectronics plc WM9705 Datasheet HTML 33Page - Wolfson Microelectronics plc WM9705 Datasheet HTML 34Page - Wolfson Microelectronics plc WM9705 Datasheet HTML 35Page - Wolfson Microelectronics plc WM9705 Datasheet HTML 36Page - Wolfson Microelectronics plc Next Button
Zoom Inzoom in Zoom Outzoom out
 32 / 55 page
background image
WM9705
Production Data
w
PD Rev 4.0 December 2003
32
SR2 TO SR0
RIGHT RECORD SOURCE
SL2 TO SL0
LEFT RECORD SOURCE
0
Mic
0
Mic
1
CD in (R)
1
CD in (L)
2
Video in (R)
2
Video in (L)
3
Aux in (R)
3
Aux in (L)
4
Line in (R)
4
Line in (L)
5
Stereo mix (R)
5
Stereo mix (L)
6
Mono mix
6
Mono mix
7
Phone
7
Phone
Table 11 Record Select Register Function
RECORD GAIN REGISTERS (INDEX 1Ch)
1Ch sets the stereo input record gain with each step corresponding to 1.5dB. The MSB of the
register is the mute bit. When this bit is set to 1, the level for both channels is set at -
∞dB.
The default value is 8000h, which corresponds to 0dB gain with mute on.
MUTE
GX3...GX0
FUNCTION
0
1111
+22.5dB gain
0
0000
0dB gain
1
xxxxx
-
∞dB gain
Table 12 Record Gain Register Function
GENERAL PURPOSE REGISTER (INDEX 20h)
This register is used to control several miscellaneous functions of the WM9705.
Below is a summary of each bit and its function. Only the POP, 3D, MIX, MS and LPBK bits are
supported by the WM9705. The MS bit controls the Mic selector. The LPBK bit enables loopback
of the ADC output to the DAC input without involving the AC-link, allowing for full system
performance measurements. The function default value is 0000h which is all off.
BIT
FUNCTION
POP
PCM out path and mute, 0 = pre-3D, 1 = post-3D
3D
3D stereo enhancement on/off, 1 = on
MIX
Mono output select 0 = Mix, 1 = Mic
MS
Mic select 0 = Mic1, 1 = Mic2
LPBK
ADC/DAC loopback mode
3D CONTROL REGISTER (INDEX 22h)
This register is used to control the centre and/or depth of the 3D stereo enhancement function
built into the AC’97 component. Only the depth bits DP0 to 3 have effect in the WM9705.
DP3…DP0
DEPTH
0
0%
1
-
8
Typical value
-
15
100%
Table 13 3D Control Register
POWERDOWN CONTROL/STATUS REGISTER (INDEX 26h)
This read/write register is used to program power-down states and monitor subsystem readiness.
The lower half of this register is read only status, a 1 indicating that the subsection is ready.
Ready is defined as the subsection able to perform in its nominal state. When this register is
written the bit values that come in on AC-link will have no effect on read bits 0- 7.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com